Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA844 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA844
Description  Octuple 6-bit DACs with I2C-bus
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA844 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA844 Datasheet HTML 5Page - NXP Semiconductors TDA844 Datasheet HTML 6Page - NXP Semiconductors TDA844 Datasheet HTML 7Page - NXP Semiconductors TDA844 Datasheet HTML 8Page - NXP Semiconductors TDA844 Datasheet HTML 9Page - NXP Semiconductors TDA844 Datasheet HTML 10Page - NXP Semiconductors TDA844 Datasheet HTML 11Page - NXP Semiconductors TDA844 Datasheet HTML 12Page - NXP Semiconductors TDA844 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Apr 29
9
Philips Semiconductors
Product specification
Octuple 6-bit DACs with I2C-bus
TDA8444; TDA8444T;
TDA8444AT
TEST AND APPLICATION INFORMATION
Fig.5
DAC output voltage as a function of
programmed value.
VCC =12V.
handbook, halfpage
0
00 05
0F
0A
MGH514
4
8
12
14 19 1E 23 28 2D 32 37 3C 3F
data (hex)
VO(DAC)
(V)
VMAX = 12 V
VMAX = 10 V
VMAX = 6 V
VMAX = 1 V
Fig.6
DAC output voltage as a function of
programmed value.
VMAX =VCC.
handbook, halfpage
0
00 05
0F
0A
MGL533
4
8
12
14 19 1E 23 28 2D 32 37 3C 3F
data (hex)
VO(DAC)
(V)
VCC = 12 V
VCC = 8 V
VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com