Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS912IN Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS912IN
Description  Rail-to-Rail CMOS Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912IN Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS912IN Datasheet HTML 4Page - STMicroelectronics TS912IN Datasheet HTML 5Page - STMicroelectronics TS912IN Datasheet HTML 6Page - STMicroelectronics TS912IN Datasheet HTML 7Page - STMicroelectronics TS912IN Datasheet HTML 8Page - STMicroelectronics TS912IN Datasheet HTML 9Page - STMicroelectronics TS912IN Datasheet HTML 10Page - STMicroelectronics TS912IN Datasheet HTML 11Page - STMicroelectronics TS912IN Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical Characteristics
TS912
8/19
VOL
Low Level Output Voltage (Vid = -1V)
RL = 100kΩ
RL = 10kΩ
RL = 600Ω
RL = 100Ω
Tmin. ≤ Tamb ≤ Tmax.RL = 10kΩ
RL = 600Ω
50
650
2300
50
150
800
150
900
mV
Io
Output Short Circuit Current (Vid = ±1V)
Source (Vo = VCC
-)
Sink (Vo = VCC
+)
45
50
65
75
mA
GBP
Gain Bandwidth Product
(AVCL = 100, RL = 10kΩ, CL = 100pF, f = 100kHz)
1.4
MHz
SR+
Slew Rate
(AVCL = 1, RL = 10kΩ, CL = 100pF, Vi = 2.5V to 7.5V)
1.3
V/
µs
SR-
Slew Rate
(AVCL = 1, RL = 10kΩ, CL = 100pF, Vi = 2.5V to 7.5V)
0.8
φm
Phase Margin
40
Degrees
en
Equivalent Input Noise Voltage (Rs = 100Ω, f = 1kHz)
30
nV/
√Hz
THD
Total Harmonic Distortion (AVCL = 1, RL = 10kΩ, CL = 100pF,
Vo = 4.75V to 5.25V, f = 1kHz)
0.02
%
Cin
Input Capacitance
1.5
pF
1.
Maximum values including unavoidable inaccuracies of the industrial test
Table 5.
VCC
+ = 10V, V
cc
- = 0V, R
L, CL connected to VCC/2, Tamb = 25°C (unless
otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com