Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4DIR0401HA Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # 4DIR0401HA
Description  ISOFACE™ 4DIRx4xxHA family
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

4DIR0401HA Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button 4DIR0401HA Datasheet HTML 9Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 10Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 11Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 12Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 13Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 14Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 15Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 16Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
3.2
Timing diagrams
TX
RX
VINX
VOUTX
VDDI
VDDO
CL
Figure 11
Test circuit
Figure 12 illustrates the input-to-output propagation delays as observed at the capacitively loaded output.
INX
OUTX
tPDon
50%
tPDoff
50%
VDDI
Figure 12
Propagation delays
Figure 13 illustrates the rise and fall time as observed at the capacitively loaded output.
10%
90%
trise
tfall
INX
OUTX
Figure 13
Rise, fall times
Figure 14 illustrates the output behavior to supply UVLO events when VDD1/2 crosses the UVLO thresholds during
rising or falling transitions (power-up, power-down, supply noise). Note that the input (VDD1) and output (VDD2)
supplies are rising and falling at the same time.
UVLOon
UVLOoff
Z
D
DATA
D
Z
VDD1/2 – GND1/2
OUTX – GND1/2
Z means ‘high-impedance
D means default o/p state. Refer to product variants
Figure 14
Undervoltage lockout
Figure 15 illustrates the propagation delay between the rising and falling edges of the EN signal to the output
following the input signal.
ISOFACE™ 4DIRx4xxHA family
Robust digital isolators with AEC-Q100 qualification
3 Functional description
Datasheet
13
V1.7
2024-07-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com