Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4DIR1400HA Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # 4DIR1400HA
Description  ISOFACE™ 4DIRx4xxHA family
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

4DIR1400HA Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button 4DIR1400HA Datasheet HTML 35Page - Infineon Technologies AG 4DIR1400HA Datasheet HTML 36Page - Infineon Technologies AG 4DIR1400HA Datasheet HTML 37Page - Infineon Technologies AG 4DIR1400HA Datasheet HTML 38Page - Infineon Technologies AG 4DIR1400HA Datasheet HTML 39Page - Infineon Technologies AG 4DIR1400HA Datasheet HTML 40Page - Infineon Technologies AG 4DIR1400HA Datasheet HTML 41Page - Infineon Technologies AG 4DIR1400HA Datasheet HTML 42Page - Infineon Technologies AG 4DIR1400HA Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
4.7.3.3
Power supply - 4DIR040xHA (4+0)
Table 31
Power supply - 4DIR040xHA (4+0)
Parameter
Symbol
Values
Unit
Note or condition
Min. Typ. Max.
Supply current - DC input
IDD1
 
 
 
 
3.05
 
mA
VINx = VDDI 1)
 
Supply current - DC input
IDD2
 
 
 
 
1.8
 
mA
VINx = VDDI 1)
 
Supply current - DC input
IDD1
 
 
 
 
3.05
 
mA
VINx = 0 V
 
Supply current - DC input
IDD2
 
 
 
 
1.8
 
mA
VINx = 0 V
 
Supply current - AC input
IDD1_1Mb
 
 
3.8
 
mA
DR = 1 Mbps
Supply current - AC input
IDD2_1Mb
 
 
 
2
 
mA
DR = 1 Mbps
Supply current - AC input
IDD1_10Mb
 
 
 
9.2
 
mA
DR = 10 Mbps
Supply current - AC input
IDD2_10Mb
 
 
 
3.6
mA
DR = 10 Mbps
Supply current - AC input
IDD1_20Mb
 
 
 
16
mA
DR = 20 Mbps
Supply current - AC input
IDD2_20Mb
 
 
5.5
mA
DR = 20 Mbps
Supply current - AC input
IDD1_40Mb
 
 
 
32
mA
DR = 40 Mbps
Supply current - AC input
IDD2_40Mb
 
 
9
mA
DR = 40 Mbps
1)
VDDI - Input-side supply voltage. For input channels on side 1 it is VDD1 and for input channels on side 2 it is VDD2
ISOFACE™ 4DIRx4xxHA family
Robust digital isolators with AEC-Q100 qualification
4 Thermal and electrical characteristics
Datasheet
39
V1.7
2024-07-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com