Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1851 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS1851
Description  1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1851 Datasheet(HTML) 1 Page - STMicroelectronics

  TS1851_07 Datasheet HTML 1Page - STMicroelectronics TS1851_07 Datasheet HTML 2Page - STMicroelectronics TS1851_07 Datasheet HTML 3Page - STMicroelectronics TS1851_07 Datasheet HTML 4Page - STMicroelectronics TS1851_07 Datasheet HTML 5Page - STMicroelectronics TS1851_07 Datasheet HTML 6Page - STMicroelectronics TS1851_07 Datasheet HTML 7Page - STMicroelectronics TS1851_07 Datasheet HTML 8Page - STMicroelectronics TS1851_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
May 2007
Rev 3
1/25
25
TS1851-TS1852-TS1854
1.8V input/output rail-to-rail
Low power operational amplifiers
Features
■ Operates at VCC = 1.8V to 6V
■ Rail-to-rail input and output
■ Extended Vicm (VDD - 0.2V to VCC + 0.2V)
■ Low supply current (120
μA)
■ Gain bandwidth product (480kHz)
■ High unity gain stability (able to drive 500pF)
■ ESD tolerance (2kV)
■ Latch-up immunity
■ Available in SOT23-5 micropackage
Applications
■ Two-cell battery-powered systems
■ Battery-powered electronic equipment
■ Cordless phones
■ Cellular phones
■ Laptops
■ PDAs
Description
The TS185x (single, dual and quad) are
operational amplifiers able to operate with
voltages as low as 1.8V. They feature both input
and output rail-to-rail (1.71 @ VCC= 1.8V,
RL=2kΩ), 120μA current consumption and
480kHz gain bandwidth product.
With such a low consumption and a sufficient
GBP for many applications, this op-amp is very
well-suited for all kinds of battery-supplied and
portable equipment applications.
The TS1851 is housed in the space-saving 5-pin
SOT23-5 package which simplifies the board
design (outside dimensions are 2.8mm x 2.9mm).
1
2
3
4
5
Inverting input
Non-inverting input
Output
VDD
VCC
1
2
3
4
5
6
7
8
-
+
Inverting Input 1
N.C.
Non-inverting Input 1
V DD
VCC
Output 2
N.C.
N.C.
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
DD
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
1
2
3
45
6
7
8
-
+
-
+
Inverting Input 1
Output 1
Non-inverting Input 1
VDD
VCC
Output 2
Inverting Input 2
Non-inverting Input 2
TS1851ILT
TS1854IN-TS1854ID/IDT-TS1854IPT
TS1851ID/IDT
TS1852IN-TS1852ID/IDT-TS1852IST
TS1852IPT
Pin connections (top view)
www.st.com


Similar Part No. - TS1851_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1851A STMICROELECTRONICS-TS1851A Datasheet
427Kb / 24P
1.8 V input/output, rail-to-rail, low power operational amplifiers
12-Mar-2010
TS1851AI STMICROELECTRONICS-TS1851AI Datasheet
171Kb / 17P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
May-2000
TS1851I STMICROELECTRONICS-TS1851I Datasheet
171Kb / 17P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
May-2000
More results

Similar Description - TS1851_07

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV921 NSC-LMV921 Datasheet
736Kb / 27P
1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
logo
STMicroelectronics
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
May-2000
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Mar-2000
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
TS1871 STMICROELECTRONICS-TS1871_07 Datasheet
428Kb / 27P
1.8V input/output rail-to-rail Low power operational amplifiers
21-May-2007
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
TS1871 STMICROELECTRONICS-TS1871_08 Datasheet
427Kb / 26P
1.8V input/output rail-to-rail low power operational amplifiers
17-Jan-2008
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
Low cost,low power,input/output rail-to-rail operational amplifiers
18-Jan-2010
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
Low-Power Rail-to-Rail Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com