Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8540 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8540
Description  4 X 4 video switch matrix
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8540 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8540 Datasheet HTML 4Page - NXP Semiconductors TDA8540 Datasheet HTML 5Page - NXP Semiconductors TDA8540 Datasheet HTML 6Page - NXP Semiconductors TDA8540 Datasheet HTML 7Page - NXP Semiconductors TDA8540 Datasheet HTML 8Page - NXP Semiconductors TDA8540 Datasheet HTML 9Page - NXP Semiconductors TDA8540 Datasheet HTML 10Page - NXP Semiconductors TDA8540 Datasheet HTML 11Page - NXP Semiconductors TDA8540 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1995 Feb 06
8
Philips Semiconductors
Product specification
4
× 4 video switch matrix
TDA8540
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Notes
1. Human Body Model (HBM): in accordance with UZW-BO/FQ-A302.
2. Machine Model (MM): in accordance with UZW-BO/FQ-B302 (stress reference pins: AGND and DGND
short-circuited and VCC).
THERMAL CHARACTERISTICS
OPERATING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage (pin 13)
−0.3
+9.1
V
Ptot
total power dissipation
−
750
mW
VCC(D0,1), VCC(D2,3)
driver supply voltage
−0.3
+13.8
V
IN0 to IN3
video input voltage
−0.3
+7.2
V
OUT0 to OUT3
video output voltage
−0.3
+7.2
V
D0, D1
control output voltage
−0.3
+7.2
V
SDA, SDL
I2C input/output voltage
−0.3
+8.8
V
S0 to S2
sub-address input voltage
−0.3
+8.8
V
Tstg
IC storage temperature
−55
+125
°C
Tj
junction temperature
−
+150
°C
Ves
electrostatic handling
HBM; note 1
−1500
+1500
V
MM; note 2
−200
+200
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
SOT146-1
60 (typ.)
K/W
SOT163-1
85 (typ.)
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
General
VCC
supply voltage (pin 13)
7.2
−
8.8
V
Tamb
operating ambient temperature
0
−
70
°C
Video inputs (pins 6, 8, 10 and 12)
CI
external capacitor
−
100
−
nF
VI(p-p)
C signal amplitude (peak-to-peak value)
note 1
−−
1V
VI(p-p)
CVBS or Y-signal amplitude
(peak-to-peak value)
note 2
−−
1.5
V
Video drivers (pins 4 and 15)
RD
external collector resistor
note 3
−
25
−Ω
CD
external decoupling capacitor
note 4
−
22
−µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com