Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDES10N025RH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDES10N025RH
Description  Single N-channel Trench MOSFET 100V, 180A, 2.5mΩ
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDES10N025RH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDES10N025RH Datasheet HTML 1Page - MagnaChip Semiconductor. MDES10N025RH Datasheet HTML 2Page - MagnaChip Semiconductor. MDES10N025RH Datasheet HTML 3Page - MagnaChip Semiconductor. MDES10N025RH Datasheet HTML 4Page - MagnaChip Semiconductor. MDES10N025RH Datasheet HTML 5Page - MagnaChip Semiconductor. MDES10N025RH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Jun. 2021. Version 1.2
Magnachip Semiconductor Ltd.
1
Absolute Maximum Ratings (TJ = 25 oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (1)
TC=25
oC (Silicon Limited)
ID
280
A
TC=25
oC (Package Limited)
180
TC=100
oC (Silicon Limited)
198
Pulsed Drain Current (2)
IDM
720
Power Dissipation
TC=25
oC
PD
416
W
TC=100
oC
208
Single Pulse Avalanche Energy (3)
EAS
544
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~175
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
RθJA
40
oC/W
Thermal Resistance, Junction-to-Case
RθJC
0.36
MDES10N025RH
Single N-channel Trench MOSFET 100V, 180A, 2.5mΩ
TO-263-7L
Features
VDS = 100V
ID = 180A @VGS = 10V
Very low on-resistance RDS(ON)
< 2.5 mΩ @VGS = 10V
100% Avalanche Tested
100% Rg Tested
100% △VDS Tested
D
G
S
General Description
The MDES10N025RH uses advanced Magnachip’s MOSFET
Technology, which provides high performance in on-state resistance,
fast switching performance, and excellent quality.
These devices can also be utilized in industrial applications
such as Low Power Drives of E-Vehicles(E-bike), DC/DC converter,
and general purpose applications.
1
7
Tab
Pin 1
Pin 2, 3, 5, 6, 7
Pin 4, Tab


Similar Part No. - MDES10N025RH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDES14N045RH MGCHIP-MDES14N045RH Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 135V, 180A, 4.5mΩ
Jan. 2021. Version 1.2
MDES15N056PTRH MGCHIP-MDES15N056PTRH Datasheet
996Kb / 7P
Single N-channel Trench MOSFET 150V 5.6mΩ 182A
July 2023. ver. 1.0
More results

Similar Description - MDES10N025RH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE180N10 STMICROELECTRONICS-STE180N10 Datasheet
85Kb / 8P
N - CHANNEL 100V - 5.5 mohm - 180A - ISOTOP POWER MOSFET
Feb-1999
logo
SemiHow Co.,Ltd.
HRP82N10K SEMIHOW-HRP82N10K Datasheet
878Kb / 8P
100V N-Channel Trench MOSFET
HRP120N10K SEMIHOW-HRP120N10K Datasheet
1Mb / 8P
100V N-Channel Trench MOSFET
HRS72N10K SEMIHOW-HRS72N10K Datasheet
1Mb / 7P
100V N-Channel Trench MOSFET
HRW82N10K SEMIHOW-HRW82N10K Datasheet
884Kb / 6P
100V N-Channel Trench MOSFET
HRLP120N10H SEMIHOW-HRLP120N10H Datasheet
491Kb / 7P
100V N-Channel Trench MOSFET
HRP49N10H SEMIHOW-HRP49N10H Datasheet
454Kb / 7P
100V N-Channel Trench MOSFET
logo
Wuxi Unigroup Microelec...
TMP140N10A WUMC-TMP140N10A Datasheet
912Kb / 7P
100V N-Channel Trench MOSFET
TMP160N10A WUMC-TMP160N10A Datasheet
912Kb / 7P
100V N-Channel Trench MOSFET
logo
Thinki Semiconductor Co...
TSP01H18 THINKISEMI-TSP01H18 Datasheet
2Mb / 6P
100V,180A N-Channel Shielded Gate Trench MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com