Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDP20N116PTTH Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDP20N116PTTH
Description  Single N-channel Trench MOSFET 200V 11.6mΩ 95A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP20N116PTTH Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDP20N116PTTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDP20N116PTTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDP20N116PTTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDP20N116PTTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDP20N116PTTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDP20N116PTTH Datasheet HTML 6Page - MagnaChip Semiconductor. MDP20N116PTTH Datasheet HTML 7Page - MagnaChip Semiconductor. MDP20N116PTTH Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Magnachip Power Technology
MDP20N116PTTH
1)
2)
3)
1.
2.
3.
Tc=25
oC
Tc=100
oC
Tc=25
oC
Tc=25
oC
Tc=100
oC
Operating and storage temperature
Avalanche energy, single pulse
Total power dissipation
Drain current
Surface mounted FR-4 board by JEDEC (jesd51-7)
62.5
oC/W
oC/W
THERMAL RESISTANCE RATINGS
PARAMETER
Thermal resistance, junction - case
Thermal resistance, junction - ambient
Pulse width limited by Tjmax
Starting TJ=25°C, L=1mH, IAS=27A, VDD=50V, VGS=10V
Notes
SYMBOL
RATING
UNIT
RθJC
0.5
RθJA
Tj, Tstg
- 55 ~ 175
oC
EAS
365
mJ
150
W
Ptot
300
W
Pulsed drain current
IDM
380
A
67
A
ID
95
A
V
VGS
V
PARAMETER
SYMBOL
RATING
UNIT
VDS
200
20
±
Gate-source Voltage
Drain-source Voltage
ABSOLUTE MAXIMUM RATINGS, at T
J = 25
oC, unless otherwise specified
May. 2022. ver. 1.0
2 / 8
All information provided in this document is subject to legal disclaimers
Product data sheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com