Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8541 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8541
Description  1 W BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8541 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8541 Datasheet HTML 4Page - NXP Semiconductors TDA8541 Datasheet HTML 5Page - NXP Semiconductors TDA8541 Datasheet HTML 6Page - NXP Semiconductors TDA8541 Datasheet HTML 7Page - NXP Semiconductors TDA8541 Datasheet HTML 8Page - NXP Semiconductors TDA8541 Datasheet HTML 9Page - NXP Semiconductors TDA8541 Datasheet HTML 10Page - NXP Semiconductors TDA8541 Datasheet HTML 11Page - NXP Semiconductors TDA8541 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1998 Apr 01
8
Philips Semiconductors
Product specification
1 W BTL audio amplifier
TDA8541
Fig.6 THD as a function of frequency.
handbook, halfpage
10
1
10−1
10−2
MGD878
10
102
103
104
THD
(%)
f (Hz)
105
(1)
(2)
Po = 0.5 W, Gv = 20 dB.
(1) VCC = 5 V, RL =8 Ω.
(2) VCC = 9 V, RL =16 Ω.
Fig.7 SVRR as a function of frequency.
handbook, halfpage
−80
−60
−40
−20
MGD879
10
102
103
SVRR
(dB)
f (Hz)
104
105
(1)
(2)
(3)
VCC = 5 V, 8 Ω, Rs =0 Ω, Vi = 100 mV.
(1) Gv =30dB.
(2) Gv =20dB.
(3) Gv = 6 dB.
Fig.8 Po as a function of VCC.
THD = 10%.
(1) RL =8 Ω.
(2) RL =16 Ω.
handbook, halfpage
0
(1)
(2)
48
Po
(W)
VCC (V)
12
2.5
0
2
1.5
1
0.5
MGD880
Fig.9
Worst case power dissipation as a function
of VCC.
handbook, halfpage
0
(1)
(2)
4
P
(W)
VCC (V)
812
2
1.5
0.5
0
1
MGD881
(1) RL =8 Ω.
(2) RL =16 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com