Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMFT65R090RTH Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MMFT65R090RTH
Description  650V 0.09Ω N-channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMFT65R090RTH Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MMFT65R090RTH Datasheet HTML 1Page - MagnaChip Semiconductor. MMFT65R090RTH Datasheet HTML 2Page - MagnaChip Semiconductor. MMFT65R090RTH Datasheet HTML 3Page - MagnaChip Semiconductor. MMFT65R090RTH Datasheet HTML 4Page - MagnaChip Semiconductor. MMFT65R090RTH Datasheet HTML 5Page - MagnaChip Semiconductor. MMFT65R090RTH Datasheet HTML 6Page - MagnaChip Semiconductor. MMFT65R090RTH Datasheet HTML 7Page - MagnaChip Semiconductor. MMFT65R090RTH Datasheet HTML 8Page - MagnaChip Semiconductor. MMFT65R090RTH Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MMFT65R090R Datasheet
Aug. 2024. Revision 1.4
5
Magnachip Semiconductor Ltd.
Characteristic Graph
Fig.3 On-resistance variation with junction temperature
(normalized)
Fig.4 Breakdown voltage variation with temperature (normalized)
Fig.5 Transfer characteristics
Fig.6 Diode forward characteristics
Fig.1 On-region characteristics.
Fig.2 On-resistance variation with drain current
0
20
40
60
80
100
120
0
5
10
15
20
VDS (V)
10 V
0
0.5
1
1.5
2
2.5
3
-60
-30
0
30
60
90
120
150
TJ (˚C)
0
10
20
30
40
50
60
70
80
90
100
2
4
6
8
10
VGS (V)
T=150˚C
-55˚C
25˚C
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
5
25
45
65
85
105
ID (A)
VGS=20V
VGS=10V
0.7
0.8
0.9
1
1.1
1.2
1.3
-60
-30
0
30
60
90
120
150
TJ (˚C)
1
10
100
0
0.25
0.5
0.75
1
1.25
1.5
VSD (V)
25
˚C
T=150˚C
8 V
20 V
*Notes : VGS=10V, ID=17.5A
*Notes : VGS=0V, ID=1mA
VGS = 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com