Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH350ID Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH350ID
Description  550MHz low noise current feedback amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350ID Datasheet(HTML) 5 Page - STMicroelectronics

  TSH350ID Datasheet HTML 1Page - STMicroelectronics TSH350ID Datasheet HTML 2Page - STMicroelectronics TSH350ID Datasheet HTML 3Page - STMicroelectronics TSH350ID Datasheet HTML 4Page - STMicroelectronics TSH350ID Datasheet HTML 5Page - STMicroelectronics TSH350ID Datasheet HTML 6Page - STMicroelectronics TSH350ID Datasheet HTML 7Page - STMicroelectronics TSH350ID Datasheet HTML 8Page - STMicroelectronics TSH350ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TSH350
Electrical characteristics
5/22
VOL
Low level output voltage
RL = 100Ω
-1.53
-1.44
V
Tmin < Tamb < Tmax
-1.49
Iout
Isink
Short-circuit output current coming in the op-
amp (see Figure 9)
Output to GND
135
205
mA
Tmin < Tamb < Tmax
195
Isource
Output current coming out from the op-amp
(see Figure 10)
Output to GND
-140
-210
Tmin < Tamb < Tmax
-185
Noise and distortion
eN
Equivalent input noise voltage
See Section 5: Noise measurements
F = 100kHz
1.5
nV/
√Hz
iN
Equivalent input noise current (+)
See Section 5: Noise measurements
F = 100kHz
20
pA/
√Hz
Equivalent input noise current (-)
See Section 5: Noise measurements
F = 100kHz
13
pA/
√Hz
SFDR
Spurious free dynamic range
The highest harmonic of the output spectrum
when injecting a filtered sine wave
AV = +1, Vout = 1Vpp
F = 10MHz
F = 20MHz
F = 50MHz
F = 100MHz
-66
-57
-46
-42
dBc
Table 3.
Electrical characteristics for VCC = ±2.5V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 4.
Closed-loop gain and feedback components
VCC (V)
Gain
Rfb (Ω)
-3dB Bw (MHz)
0.1dB Bw (MHz)
±2.5
+10
300
125
22
-10
300
120
20
+2
300
390
110
-2
300
370
70
+1
820
550
65
-1
300
350
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com