Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA748C Datasheet(PDF) 3 Page - STMicroelectronics

Part # UA748C
Description  PRECISION SINGLE OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA748C Datasheet(HTML) 3 Page - STMicroelectronics

  UA748C Datasheet HTML 1Page - STMicroelectronics UA748C Datasheet HTML 2Page - STMicroelectronics UA748C Datasheet HTML 3Page - STMicroelectronics UA748C Datasheet HTML 4Page - STMicroelectronics UA748C Datasheet HTML 5Page - STMicroelectronics UA748C Datasheet HTML 6Page - STMicroelectronics UA748C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UA748
3/7
ELECTRICAL CHARACTERISTICS
VCC = ±15V, Tamb = +25°C, C1 = 30pF (unless otherwise specified)
Symbol
Parameter
UA748I/M
UA748C
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vio
Input Offset Voltage (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0.7
2
3
27.5
10
mV
Iio
Input Offset Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.5
10
20
250
70
nA
Iib
Input Bias Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
25
75
10
70
250
300
nA
Avd
Large Signal Voltage Gain
(V
o = ±10V, RL = 2kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
50
25
100
25
15
100
V/mV
SVR
Supply Voltage Rejection Ratio (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
80
80
96
70
70
96
dB
ICC
Supply Current, no load
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.8
3
3
1.8
3
3
mA
Vicm
Input Common Mode Voltage Range (VCC = ±20V)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
±15
±15
±15
±15
V
CMR
Common Mode Rejection Ratio (RS ≤ 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
80
80
96
70
70
96
dB
IOS
Output short Circuit Current
10
30
50
10
30
50
mA
±Vopp
Output Voltage Swing (VCC = ±15V)
Tamb = +25°C
RL = 10kΩ
RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax
RL = 10kΩ
RL = 2kΩ
12
10
12
10
14
13
12
10
12
10
14
13
V
SR
Slew Rate 1)
Vi = ±10V, RL = 2kΩ, CL = 100pF, unity Gain
1.
May be improved up to 10V/µs in inverting amplifier configuration.
0.25
0.5
0.25
0.5
V/
µs
tr
Rise Time
Vi = ±20mV, RL = 2kΩ, CL = 100pF, unity Gain
0.3
0.3
µs
Kov
Overshoot
Vi = 20mV, RL = 2kΩ, CL = 100pF, unity Gain
55
%
Zi
Input Impedance (VCC = ±15V)
1.5
4
1.5
4
M
Ω
Ro
Output Resistance (VCC = ±15V)
75
75
Ω
GBP
Gain Bandwith Product
Vi =10mV, RL = 2kΩ, CL = 100pF, f =100kHz
0.5
1
0.5
1
MHz
THD
Total Harmonic Distortion
f =1kHz, Av =20dB, RL =2kΩ, Vo =2Vpp, CL = 100pF
0.015
0.015
%
DIio
Input Offset Current Drift
25°C
≤ T
max
Tmin ≤ Tamb ≤ Tmax
10
20
100
200
10
20
300
600
pA/°C
DVio
Input Offset Voltage Drift
Tmin ≤ Tamb ≤ Tmax
315
6
30
µV/°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com