Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1232 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1232
Description  Microprocessor Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1232 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1232 Datasheet HTML 3Page - Microchip Technology TC1232 Datasheet HTML 4Page - Microchip Technology TC1232 Datasheet HTML 5Page - Microchip Technology TC1232 Datasheet HTML 6Page - Microchip Technology TC1232 Datasheet HTML 7Page - Microchip Technology TC1232 Datasheet HTML 8Page - Microchip Technology TC1232 Datasheet HTML 9Page - Microchip Technology TC1232 Datasheet HTML 10Page - Microchip Technology TC1232 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS21370C-page 7
TC1232
4.0
OPERATIONAL DESCRIPTION
4.1
Power Monitor
The TC1232 provides the function of warning the
processor of a power failure. When VCC is detected as
being below the voltage levels defined by the TOL pin,
the TC1232’s comparator outputs the RST and RST
signals to a logic level that warns the system of an out-
of-tolerance power supply. The RST and RST signals
switch at a threshold value of 4.5V if TOL is tied to VCC,
and at a value of 4.75 volts if TOL is grounded. The
RST and RST signals are held active for a minimum of
250 ms to ensure that the power supply voltage has
been stabilized.
Figure 4-1 shows the VCC fall time.
Figure 4-2 shows the VCC rise time.
Figure 4-3 shows the time from when the voltage trip
point is detected to the reset output pin going active.
Figure 4-4 shows the time from when the voltage trip
point is exited to the reset output pin going inactive.
FIGURE 4-1:
Power-Down Slew Rate.
FIGURE 4-2:
Power-up Slew Rate.
FIGURE 4-3:
VCC Detect Reset Output
Delay (Power-Down).
FIGURE 4-4:
VCC Detect Reset Output
Delay (Power-Up).
+4.75V
tF
VCC
+4.25V
tR
VCC
+4.25V
+4.75V
VCC = 5V
+4.5V (5% Trip Point)
+4.25V (10% Trip Point)
RST
RST
VOL
VOH
tRPD
VCC SLEW RATE = 1.66 mV/µs (0.5V/300 µs)
VCC
4.6V (5% Trip Point)
4.5V(10% Trip Point)
RST
RST
VOL
VOH
tRPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com