Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1263 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1263
Description  500 mA, Fixed-Output, CMOS LDO with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1263 Datasheet(HTML) 2 Page - Microchip Technology

  TC1263_05 Datasheet HTML 1Page - Microchip Technology TC1263_05 Datasheet HTML 2Page - Microchip Technology TC1263_05 Datasheet HTML 3Page - Microchip Technology TC1263_05 Datasheet HTML 4Page - Microchip Technology TC1263_05 Datasheet HTML 5Page - Microchip Technology TC1263_05 Datasheet HTML 6Page - Microchip Technology TC1263_05 Datasheet HTML 7Page - Microchip Technology TC1263_05 Datasheet HTML 8Page - Microchip Technology TC1263_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC1263
DS21374C-page 2
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage .........................................................6.5V
Output Voltage................ (GND – 0.3V) to (VIN + 0.3V)
Power Dissipation................Internally Limited (Note 7)
Voltage (max.) on Any Pin: (GND – 0.3V) to (VIN + 0.3V)
Operating Temperature Range.... -40°C < TJ < +125°C
Storage Temperature..........................-65°C to +150°C
† Notice: Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VIN = VR + 1.0V, (Note 1), IL = 100 µA, CL = 3.3 µF,
SHDN > VIH, TA = +25°C. Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Operating Voltage
VIN
2.7
—
6.0
V
Note 2
Maximum Output Current
IOUTMAX
500
——
mA
Output Voltage
VOUT
VR – 2.5% VR ± 0.5% VR + 2.5%
V
Note 1
VOUT Temperature Coefficient
ΔVOUT/ΔT
—
40
—
ppm/°C Note 3
Line Regulation
ΔVOUT/ΔVIN
—0.05
0.35
%(VR + 1V) ≤ VIN ≤ 6V
Load Regulation (Note 4)
ΔVOUT/VOUT
–0.01
0.002
+0.01
%/mA
IL = 0.1 mA to IOUTMAX
Dropout Voltage (Note 5)
VIN-VOUT
—20
30
mV
IL = 100 µA
—60
130
IL = 100 mA
—
200
390
IL = 300 mA
—
350
650
IL = 500 mA
Supply Current
IDD
—80
130
µA
SHDN = VIH, IL = 0
Shutdown Supply Current
ISHDN
—0.05
1
µA
SHDN = 0V
Power Supply Rejection Ratio
PSRR
—
64
—
db
F
≤ 1kHz
Output Short Circuit Current
IOUTSC
—
1200
1400
mA
VOUT = 0V
Thermal Regulation
ΔVOUT/ΔPD
—0.04
—
V/W
Note 6
Output Noise
eN
—
260
—
nV/
√Hz IL = IOUTMAX, F = 10 kHZ
Note
1:
VR is the regulator output voltage setting.
2:
The minimum VIN has to justify the conditions: VIN ≥ VR + VDROPOUT and VIN ≥ 2.7V for IL = 0.1 mA to IOUTMAX.
3:
4:
Regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is tested
over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
5:
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal
value measured at a 1.0V differential.
6:
Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 ms.
7:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation causes the device to initiate thermal shutdown. Please see Section 5.0 “Thermal Considerations” for
more details.
TCV
OUT
V
OUTMAX
V
OUTMIN
–
() 10
6
–
V
OUT
T
Δ
×
-------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com