Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGHU30M65DF2AG Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGHU30M65DF2AG
Description  Automotive-grade trench gate field-stop 650 V, 30 A low-loss M series IGBT in an HU3PAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGHU30M65DF2AG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGHU30M65DF2AG Datasheet HTML 6Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 7Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 8Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 9Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 10Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 11Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 12Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 13Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
4.1
HU3PAK package information
Figure 29. HU3PAK package outline
×
DM00674007_2
STGHU30M65DF2AG
Package information
DS14705 - Rev 1
page 10/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com