Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL300N4LF8 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL300N4LF8
Description  N-channel logic level 40 V, 1.0 mΩ max., 304 A, STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL300N4LF8 Datasheet(HTML) 2 Page - STMicroelectronics

  STL300N4LF8 Datasheet HTML 1Page - STMicroelectronics STL300N4LF8 Datasheet HTML 2Page - STMicroelectronics STL300N4LF8 Datasheet HTML 3Page - STMicroelectronics STL300N4LF8 Datasheet HTML 4Page - STMicroelectronics STL300N4LF8 Datasheet HTML 5Page - STMicroelectronics STL300N4LF8 Datasheet HTML 6Page - STMicroelectronics STL300N4LF8 Datasheet HTML 7Page - STMicroelectronics STL300N4LF8 Datasheet HTML 8Page - STMicroelectronics STL300N4LF8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings (at TC = 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
40
V
VGS
Gate-source voltage
±20
V
ID(1)
Drain current (continuous) at TC = 25 °C(2)
304
A
Drain current (continuous) at TC = 100 °C(2)
215
Drain current (continuous) at TC = 25 °C(3)
120
IDM(1)(2)(4)
Drain current (pulsed, tp = 10 µs)
1217
A
PTOT
Total power dissipation at TC = 25 °C
167
W
IAS
Single pulse avalanche current (pulse width limited by TJ max.)
60
A
EAS
Single pulse avalanche energy (starting TJ = 25 °C, ID = 60 A, RGmin = 25 Ω)
420
mJ
TJ
Operating junction temperature range
-55 to 175
°C
Tstg
Storage temperature range
°C
1. Specified by design, not tested in production.
2. This is the theoretical current value only related to the silicon.
3. This current value is limited by package.
4. Pulse width is limited by safe operating area.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJA(1)
Thermal resistance, junction-to-ambient (on 2s2p FR-4 board vertical in still area)
16.5
°C/W
RthJC
Thermal resistance, junction-to-case max.
0.9
°C/W
1. Defined according to JEDEC standards (JESD51-5, -7).
STL300N4LF8
Electrical ratings
DS14228 - Rev 2
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com