Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20FTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNF9Q20FTR
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20FTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNF9Q20FTR Datasheet HTML 17Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 18Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 19Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 20Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 21Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 22Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 23Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 24Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
4
SPI functional description
4.1
SPI communication
The SPI communication is based on a standard ST-SPI 24-bit interface, using CSN, SDI, SDO and SCK signal
lines.
Input data are shifted into SDI, MSB first while output data are shifted out on SDO, MSB first.
4.1.1
Signal description
During all operations, VDD must be held stable and within the specified valid range: VDD min to VDD max. The
VREG must be held stable and within the specified range, VREG min to VREG max, to supply the digital part.
Table 13. SPI signal description
Name
Function
Serial
clock
SCK
This input signal provides the timing of the serial interface. Data present at serial data input (SDI) are latched on
the rising edge of the serial clock (SCK). Data on serial data output (SDO) change after the falling edge of the
serial clock (SCK freq > 1 MHz).
Serial
data input
SDI
This input signal is used to transfer data serially into the device. It receives data to be written. Values are sampled
on the rising edge of the serial clock (SCK).
Serial
data
output
SDO
This output signal is used to transfer data serially out of the device. Data are shifted out on the falling edge of the
serial clock (SCK).
Chip
select
CSN
When this input signal is high, the device is deselected and serial data output (SDO) is high-Z. Driving this input
Low enables the communication. The communication must start on a Low level of serial clock (SCK). Data are
accepted only if exactly 24 bits have been shifted in.
Note:
As per the ST_SPI standard, in the case of failing communication:
•
CSN stuck at HIGH:
–
If the device is in normal mode, a WDTB timeout forces the device into fail-safe
mode. The serial data out (SDO) remains in high impedance (high-Z). Any valid
communication arrived after this event is accepted by the device.
•
CSN stuck at LOW:
–
In this case and whatever the mode of the device, a CSN timeout protection is
activated and force the device to release the SPI bus. Then the serial data out
(SDO) will go into high impedance (high-Z)
A reset of the CSN timeout (see tSHCH in Table 51) is activated with a transition Low to high on the CSN pin (or
with a power on reset or software reset). With this reset, the serial data out (SDO) is released and any valid
communication is accepted by the device. Without this reset, the next communication is not considered by the
device.
4.1.2
Connecting to the SPI bus
A schematic view of the architecture between the bus and devices can be seen in the Figure 15.
All input data bytes are shifted into the device, MSB first. The serial data input (SDI) is sampled on the first rising
edge of the serial clock (SCK) after chip select (CSN) goes low. All output data bytes are shifted out of the device
on the falling edge of SCK, MSB first on the first falling edge of the chip select (CSN).
VNF9Q20F
SPI functional description
DS13909 - Rev 6
page 21/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com