Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV358AIST Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV358AIST
Description  General purpose input/output rail-to-rail low power operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV358AIST Datasheet(HTML) 1 Page - STMicroelectronics

  TSV358AIST Datasheet HTML 1Page - STMicroelectronics TSV358AIST Datasheet HTML 2Page - STMicroelectronics TSV358AIST Datasheet HTML 3Page - STMicroelectronics TSV358AIST Datasheet HTML 4Page - STMicroelectronics TSV358AIST Datasheet HTML 5Page - STMicroelectronics TSV358AIST Datasheet HTML 6Page - STMicroelectronics TSV358AIST Datasheet HTML 7Page - STMicroelectronics TSV358AIST Datasheet HTML 8Page - STMicroelectronics TSV358AIST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
June 2007
Rev 4
1/19
19
TSV321-TSV358-TSV324
General purpose input/output rail-to-rail
low power operational amplifiers
Features
■ Operating range VCC = 2.5V to 6V
■ Rail-to-rail input and output
■ Extended Vicm (VDD - 0.2V to VCC + 0.2V)
■ Capable of driving a 32
Ω load resistor
■ High stability: 500pF
■ Available in SOT23-5 micropackage
■ Operating temperature range: -40°C, +125°C
Applications
■ Battery-powered applications
■ Audio driver (headphone driver)
■ Sensor signal conditioning
■ Laptop/notebook computers
Description
The TSV358 and TSV324 (dual and quad) are
low voltage versions of LM358 and LM324
commodity operational amplifiers. TSV321 is the
single version. The TSV321/358/324 are able to
operate with voltages as low as 2.5V and feature
both I/O rail-to-rail.
The common mode input voltage extends 200mV
at 25°C beyond the supply voltages while the
output voltage swing is within 100mV of each rail
with 600 Ohm load resistor. At VCC = 3V, these
devices offer 1.3MHz of gain-bandwidth product
and provide high output drive capability typically
at 80mA-load.
These features make the TSV3xx family ideal for
active filters, general purpose low-voltage
applications, and general purpose portable
devices.
TSV321RILT (SOT23-5)
TSV358IST-TSV358ID-TSV358IDT-TSV358IPT
(SO-8, miniSO-8, TSSOP8)
TSV324ID-TSV324IDT-TSV324IPT
(SO-14, TSSOP14)
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
VDD
VCC
1
2
3
5
4
8
7
6
Non Inverting Input 1
Inverting Input 1
Output 2
+
_
Output 1
Non Inverting Input 2
Inverting Input 2
+
_
VDD
VCC
1
2
3
5
4
8
7
6
Non Inverting Input 1
Inverting Input 1
Output 2
+
_
Output 1
Non Inverting Input 2
Inverting Input 2
+
_
VCC
VDD
1
2
3
11
4
14
13
12
Non Inverting Input 2
Inverting Input 2
Output 4
Output 2
Non Inverting Input 4
Inverting Input 4
5
6
7
8
10
9
+
_
+
_
+
_
Output 3
Non Inverting Input 3
Inverting Input 3
+
_
Output 1
Non Inverting Input 1
Inverting Input 1
VCC
VDD
1
2
3
11
4
14
13
12
Non Inverting Input 2
Inverting Input 2
Output 4
Output 2
Non Inverting Input 4
Inverting Input 4
5
6
7
8
10
9
+
_
+
_
+
_
Output 3
Non Inverting Input 3
Inverting Input 3
+
_
Output 1
Non Inverting Input 1
Inverting Input 1
VDD
VCC
1
2
3
5
4
8
7
6
N.C.
N.C.
Non Inverting Input
Inverting Input
Output
+
_
N.C.
VDD
VCC
1
2
3
5
4
8
7
6
N.C.
N.C.
Non Inverting Input
Inverting Input
Output
+
_
N.C.
TSV321ID-TSV321IDT (SO-8)
Pin connections (top view)
www.st.com


Similar Part No. - TSV358AIST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSV358AIST TI-TSV358AIST Datasheet
270Kb / 17P
General purpose input/output rail-to-rail low power operational amplifiers
More results

Similar Description - TSV358AIST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV321 STMICROELECTRONICS-TSV321 Datasheet
217Kb / 15P
General Purpose, Input/Output Rail-to-Rail Low Power Operational Amplifiers
Dec-2005
logo
Texas Instruments
TSV321 TI-TSV321_08 Datasheet
270Kb / 17P
General purpose input/output rail-to-rail low power operational amplifiers
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
Low-Power Rail-to-Rail Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com