Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B772 Datasheet(PDF) 2 Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

Part # B772
Description  PNP Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY-MICRO [CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.]
Direct Link  https://www.gmesemi.com/en/
Logo GALAXY-MICRO - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

B772 Datasheet(HTML) 2 Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

  B772 Datasheet HTML 1Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. B772 Datasheet HTML 2Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. B772 Datasheet HTML 3Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. B772 Datasheet HTML 4Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. B772 Datasheet HTML 5Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Production specification
PNP Silicon Epitaxial Planar Transistor
B772
V/(W)023
www.gmesemi.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-100μA,IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA,IC=0
-6
V
Collector cut-off current
ICBO
VCB=-40V,IB=0
-1
μA
Collector cut-off current
ICEO
VCB=-30V,IE=0
-1
μA
Emitter cut-off current
IEBO
VEB=-6V,IC=0
-1
μA
DC current gain
hFE
VCE=-2V,IC=-1A
VCE=-2V,IC=-20mA
60
30
160
220
400
Collector-emitter saturation voltage
VCE(sat)
IC=-2A, IB= -0.2A
-0.3
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-2A, IB= -0.2A
-1.0
-2.0
V
Transition frequency
fT
VCE=-5V, IC= -0.1A
80
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
55
pF
CLASSIFICATION
OF
hFE
Rank
R
O
Y
G
Range
60-120
100-200
160-320
200-400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com