Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3404 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC3404
Description  1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3404 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC3404_05 Datasheet HTML 3Page - Microchip Technology TC3404_05 Datasheet HTML 4Page - Microchip Technology TC3404_05 Datasheet HTML 5Page - Microchip Technology TC3404_05 Datasheet HTML 6Page - Microchip Technology TC3404_05 Datasheet HTML 7Page - Microchip Technology TC3404_05 Datasheet HTML 8Page - Microchip Technology TC3404_05 Datasheet HTML 9Page - Microchip Technology TC3404_05 Datasheet HTML 10Page - Microchip Technology TC3404_05 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2005 Microchip Technology Inc.
DS21413C-page 7
TC3404
FIGURE 3-2:
CONVERSION AND DATA OUTPUT TIMING
FIGURE 3-3:
RESET AND POWER FAIL TIMING
SCLK
SDAT
t4
t1
t2
t3
t8
t8
DN-1
DN-2
D0
(LSB)
DN
(MSB)
t5
Data Conversion
Complete
Sleep
Mode
A0, A1
Start Conversion and Resolution Control Timing
Data Output Timing
t6 t7
Power Fail Comparator Timing
PFO
0
PFI
1.23
t10
t10
t10
t10
1.1
1.20
Hysteresis
Time
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com