Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3404VQR Datasheet(PDF) 10 Page - Microchip Technology

Part # TC3404VQR
Description  1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3404VQR Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC3404VQR Datasheet HTML 6Page - Microchip Technology TC3404VQR Datasheet HTML 7Page - Microchip Technology TC3404VQR Datasheet HTML 8Page - Microchip Technology TC3404VQR Datasheet HTML 9Page - Microchip Technology TC3404VQR Datasheet HTML 10Page - Microchip Technology TC3404VQR Datasheet HTML 11Page - Microchip Technology TC3404VQR Datasheet HTML 12Page - Microchip Technology TC3404VQR Datasheet HTML 13Page - Microchip Technology TC3404VQR Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC3404
DS21413C-page 10
© 2005 Microchip Technology Inc.
3.3
Power Fail Detector
The Power Fail detector is a comparator in which the
inverting input is connected to the internal voltage
reference. The non-inverting input is the PFI pin of the
TC3404 and the PFO pin is the active low, open drain
output. This comparator is suitable as an early warning
fail or low battery indicator. In a typical application,
where a voltage regulator is being used to supply
power to a system, the Power Fail comparator would
monitor the input voltage to the regulator while the VDD
monitor would measure the output voltage of the
regulator. Both PFO and RESET would drive interrupt
pins of a microcontroller.
The Power Fail detector may be used as a Wake-up or
Watchdog Timer. The Typical Application circuit shows
an RC network on PFI with the capacitor tied to a
tristated
μC I/O pin. If R4 is 1 MΩ and C2 is 10μF, the
time constant is roughly ten seconds. The
μC resets
the RC network by driving the I/O tied to PFI low and
then tristating it. The RC network will ramp to 1.23V in
roughly 9 seconds, assuming a VBATT of 3.0V. With
PFO tied to a
μC input or interrupt, the μC will see a low
to high transition on PFO when the voltage on PFI
exceeds 1.23V. The PFO output is specified to be valid
for VDD = 1.3 to 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com