Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC54 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC54
Description  Voltage Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54 Datasheet(HTML) 2 Page - Microchip Technology

  TC54_04 Datasheet HTML 1Page - Microchip Technology TC54_04 Datasheet HTML 2Page - Microchip Technology TC54_04 Datasheet HTML 3Page - Microchip Technology TC54_04 Datasheet HTML 4Page - Microchip Technology TC54_04 Datasheet HTML 5Page - Microchip Technology TC54_04 Datasheet HTML 6Page - Microchip Technology TC54_04 Datasheet HTML 7Page - Microchip Technology TC54_04 Datasheet HTML 8Page - Microchip Technology TC54_04 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC54
DS21434G-page 2
 2004 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage ...................................................................+12V
Output Current ..............................................................50 mA
Output Voltage: CMOS................(VSS – 0.3V) to (VIN + 0.3V)
Open-Drain.....................(VSS – 0.3V) to 12V
Power Dissipation (TA ≤ 70°C):
3-Pin SOT-23A .......................................................240 mW
3-Pin SOT-89..........................................................500 mW
5-Pin SOT-23A .......................................................240 mW
3-Pin TO-92 ............................................................300 mW
Operating Temperature Range........................-40°C to +85°C
Storage Temperature Range .........................-65°C to +150°C
† Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
PIN FUNCTION TABLE
DC CHARACTERISTICS
Symbol
Description
VOUT
Digital Output
VIN
Analog Input
VSS
Ground Terminal
NC
No Connect
NC
No Connect
Electrical Specifications: Unless otherwise noted, TA = +25°C.
Parameter
Sym
Min
Typ
Max
Units
Test Conditions
Operating Voltage
VIN
0.7
—
10.0
V
(VDET –) = 0.8 to 6.0V
Quiescent Current
ISS
—0.8
2.7
µA
VIN = 2.0V
—0.9
3.0
VIN = 3.0V
—1.0
3.2
VIN = 4.0V
—1.1
3.6
VIN = 5.0V
Threshold Voltage
(Note 1)
VDET –
1.37
1.4
1.43
V
TC54VX14
2.06
2.1
2.14
TC54VX21
2.65
2.7
2.75
TC54VX27
2.84
2.9
2.96
TC54VX29
2.94
3.0
3.06
TC54VX30
4.12
4.2
4.28
TC54VX42
4.21
4.3
4.39
TC54VX43
7.54
7.7
7.86
TC54VX77 (5-pin SOT-23A only)
Hysteresis Voltage
VHYST
28
70
112
mV
VDET = 1.4V (typ)
42
105
168
VDET = 2.1V (typ)
54
135
216
VDET = 2.7V (typ)
58
145
232
VDET = 2.9V (typ)
60
150
240
VDET = 3.0V (typ)
84
210
336
VDET = 4.2V (typ)
86
215
344
VDET = 4.3V (typ)
154
385
616
VDET = 7.7V (typ)
Output Current
IOUT
—7.7
—
mA
VOL = 0.5V, VIN = 2.1V
—10.1
—
VIN = 3.0V
—11.5
—
VIN = 4.0V
—13.0
—
VIN = 5.0V
—
-10.0
—
TC54VC Only:
VOH = VIN – 2.1V, VIN = 8.0V
Tempco of (VDET–)
TC (VDET –)
—
±100
—
ppm/°C
-40°C
≤ T
A ≤ 85°C
Delay Time
tDLY
——
0.2
ms
VDET – → VOUT inversion
Note
1:
For other voltage options, please contact your regional Microchip sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com