Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4423CPA Datasheet(PDF) 15 Page - Microchip Technology

Part # TC4423CPA
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4423CPA Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC4423CPA Datasheet HTML 10Page - Microchip Technology TC4423CPA Datasheet HTML 11Page - Microchip Technology TC4423CPA Datasheet HTML 12Page - Microchip Technology TC4423CPA Datasheet HTML 13Page - Microchip Technology TC4423CPA Datasheet HTML 14Page - Microchip Technology TC4423CPA Datasheet HTML 15Page - Microchip Technology TC4423CPA Datasheet HTML 16Page - Microchip Technology TC4423CPA Datasheet HTML 17Page - Microchip Technology TC4423CPA Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
 2004 Microchip Technology Inc.
DS21421D-page 15
TC4423/TC4424/TC4425
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device:
TC4423:
3A Dual MOSFET Driver, Inverting
TC4424:
3A Dual MOSFET Driver, Non-Inverting
TC4425:
3A Dual MOSFET Driver, Complementary
Temperature Range:
C
=
0°C to +70°C (PDIP & SOIC Only)
E
=
-40°C to +85°C
V
=
-40°C to +125°C
Package:
MF
= Dual, Flat, No-Lead (6x5 mm Body), 8-lead
MF713 = Dual, Flat, No-Lead (6x5 mm Body), 8-lead
(Tape and Reel)
OE
= SOIC (Wide), 16-pin
OE713 = SOIC (Wide), 16-pin (Tape and Reel)
PA
= Plastic DIP, (300 mil body), 8-lead
PB Free:
G
= Lead-Free device *
= Blank
* Available on selected packages. Contact your local sales
representative for availability.
Examples:
a)
TC4423COE:
3A Dual Inverting
MOSFET Driver,
0°C to +70°C,
16LD SOIC package.
b)
TC4423CPA:
3A Dual Inverting
MOSFET Driver,
0°C to +70°C,
8LD PDIP package.
c)
TC4423VMF:
3A Dual Inverting
MOSFET Driver,
-40°C to +125°C,
8LD DFN package.
a)
TC4424COE713:
3A Dual Non-Inverting,
MOSFET Driver,
0°C to +70°C,
16LD SOIC package,
Tape and Reel.
b)
TC4424EPA:
3A Dual Non-Inverting,
MOSFET Driver,
-40°C to +85°C,
8LD PDIP package.
a)
TC4425EOE:
3A Dual Complementary,
MOSFET Driver,
-40°C to +85°C,
16LD SOIC package.
b)
TC4425CPA:
3A Dual Complementary,
MOSFET Driver,
0°C to +70°C,
PDIP package.
PART NO.
X
XX
Package
Temperature
Range
Device
XXX
Tape & Reel
X
PB Free
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com