Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHS11R Datasheet(PDF) 1 Page - TT Electronics.

Part # PHS11R
Description  Rotary Position Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PHS11R Datasheet(HTML) 1 Page - TT Electronics.

  PHS11R Datasheet HTML 1Page - TT Electronics. PHS11R Datasheet HTML 2Page - TT Electronics. PHS11R Datasheet HTML 3Page - TT Electronics. PHS11R Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rotary Position Sensor
PHS11R Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Rev A 07/2023 Page 1
TT Electronics | BI Technologies
413 Rood RD, Suite 7 Calexico, CA 92231
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Description:
The PHS11R series is a rotary position sensor that features dust proof construction, an ultra thin size, and a life cycle of 1
million cycles.
Applications:
•
Rotary angle sensor
•
Electric motor-driven bicycle
•
Motor drive unit
•
HVAC sensor
Features:
•
Dust proof construction protects the interior from dust, which maintains
stable characteristics
•
Excellent resistance materials and high reliability wiper achieves 1,000,000
cycles
•
Ultra-thin size (2.2mm height)
Electrical Characteristics
TA = 25° C unless otherwise noted
Resistance Range
1KΩ to 100KΩ
Standard Resistance Tolerance
±20%
Rated Power
0.1W
Linearity (electrical angle < 180°)
±5%
Linearity (180° ≤ electrical angle < 300°)
±3%
Linearity (electrical angle ≥ 300°)
±2%
Rotational noise
<80 mVp-p
Effective Electrical Angle
60° to 341° (see ordering information)
Effective Electrical Angle Tolerance
±2°
TCR
±500 ppm/°C


Similar Part No. - PHS11R

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
Rotary Position Sensor
PHS11-1DBR100KE120 TTELEC-PHS11-1DBR100KE120 Datasheet
439Kb / 3P
Rotary Position Sensor
PHS11-1DBR100KE145 TTELEC-PHS11-1DBR100KE145 Datasheet
439Kb / 3P
Rotary Position Sensor
PHS11-1DBR100KE180 TTELEC-PHS11-1DBR100KE180 Datasheet
439Kb / 3P
Rotary Position Sensor
PHS11-1DBR100KE250 TTELEC-PHS11-1DBR100KE250 Datasheet
439Kb / 3P
Rotary Position Sensor
More results

Similar Description - PHS11R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
Rotary Position Sensor IC
MLX90316 ETC2-MLX90316_05 Datasheet
837Kb / 34P
Rotary Position Sensor IC
logo
Asahi Kasei Microsystem...
AK7401 AKM-AK7401 Datasheet
901Kb / 29P
Rotary Position Sensor IC
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
Rotary Position Sensor IC
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
Rotary Position Sensor
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_17 Datasheet
889Kb / 48P
Rotary Position Sensor IC
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
Absolute Rotary Position Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com