Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIMFSZN2106M1 Datasheet(PDF) 2 Page - TT Electronics.

Part # SIMFSZN2106M1
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SIMFSZN2106M1 Datasheet(HTML) 2 Page - TT Electronics.

  SIMFSZN2106M1 Datasheet HTML 1Page - TT Electronics. SIMFSZN2106M1 Datasheet HTML 2Page - TT Electronics. SIMFSZN2106M1 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
N-Channel Enhancement
Mode Power MOSFET
SIMFSZN2106M1
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Semelab
Telephone:
Fax:
+44 (0) 1455 556565
+44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number:
Issue:
Page:
DOC 11604
1
2 of 3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS = 0
ID = 1.0mA
60
V
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 1.0mA
0.8
2.4
V
TC = 125°C
0.25
TC = -55°C
2.84
IGSS
Gate-Source Leakage Current
VGS = ±20V
VDS = 0V
±100
nA
IDSS
Zero Gate Voltage
Drain Current
VDS = 48V
VGS = 0
1.0
μA
TC = 125°C
100
ID(ON)(3)
On-State Drain Current
VDS = 25V
VGS = 10V
0.6
A
RDS(on)
(3)
Static Drain-Source
On-State Resistance
VGS = 5V
ID = 75mA
6
Ω
VGS = 10V
ID = 500mA
4
TC = 125°C
5
gfs
(3)
Forward Transconductance
VDS = 25V
ID = 500mA
150
mƱ
VSD
(3)
Body Diode Forward Voltage
VGS = 0
IS = 600mA
1.8
V
trr
(3)
Body Diode Reverse Recovery
VGS = 0
IS = 600mA
400
ns
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VGS = 0
53
65
pF
Coss
Output Capacitance
VDS = 25V
29
40
Crss
Reverse Transfer Capacitance
f = 1.0MHz
8.5
15
tr
(4)
Rise Time
VDD = 25V
ID = 600mA
RG = 25Ω
5
ns
td(on)
(4)
Turn - On Delay Time
5
10
tf
(4)
Fall Time
3
td(off)
(4)
Turn-Off Delay Time
8
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com