Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4427ACOA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC4427ACOA
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4427ACOA Datasheet(HTML) 3 Page - Microchip Technology

  TC4427ACOA Datasheet HTML 1Page - Microchip Technology TC4427ACOA Datasheet HTML 2Page - Microchip Technology TC4427ACOA Datasheet HTML 3Page - Microchip Technology TC4427ACOA Datasheet HTML 4Page - Microchip Technology TC4427ACOA Datasheet HTML 5Page - Microchip Technology TC4427ACOA Datasheet HTML 6Page - Microchip Technology TC4427ACOA Datasheet HTML 7Page - Microchip Technology TC4427ACOA Datasheet HTML 8Page - Microchip Technology TC4427ACOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21423F-page 3
TC4426A/TC4427A/TC4428A
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage ..................................................... +22V
Input Voltage, IN A or IN B
..................................... (VDD + 0.3V) to (GND – 5V)
Package Power Dissipation (TA ≤ 70°C)
DFN .............................................................. Note 2
MSOP .......................................................... 340 mW
PDIP ............................................................ 730 mW
SOIC............................................................ 470 mW
† Notice: Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the
device at these or any other conditions above those indicated
in the operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V
≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
—
—
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
–1.0
–10
—
—
+1.0
+10
μA0V ≤ VIN ≤ VDD
Output
High Output Voltage
VOH
VDD – 0.025
—
—
V
DC Test
Low Output Voltage
VOL
—
—
0.025
V
DC Test
Output Resistance
RO
—
—
—
—
7
7
8
8
9
10
11
12
Ω
IOUT = 10 mA, VDD = 18V, TA = +25°C
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C
-40°C
≤ TA ≤ +125°C
Peak Output Current
IPK
—1.5
—
A
VDD = 18V
Latch-Up Protection
Withstand Reverse Current
IREV
—
> 0.5
—
A
Duty cycle
≤ 2%, t ≤ 300 μsec
VDD = 18V
Switching Time (Note 1)
Rise Time
tR
—
—
—
—
25
27
29
30
35
40
40
40
ns
TA = +25°C
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C
-40°C
≤ TA ≤ +125°C, Figure 4-1
Fall Time
tF
—
—
—
—
25
27
29
30
35
40
40
40
ns
TA = +25°C
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C
-40°C
≤ TA ≤ +125°C, Figure 4-1
Delay Time
tD1
—
—
—
—
30
33
35
38
35
40
45
50
ns
TA = +25°C
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C
-40°C
≤ TA ≤ +125°C, Figure 4-1
Delay Time
tD2
—
—
—
—
30
33
35
38
35
40
45
50
ns
TA = +25°C
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C
-40°C
≤ TA ≤ +125°C, Figure 4-1
Power Supply
Power Supply Current
IS
—
—
1.0
0.1
2.0
0.2
mA
VIN = 3V (Both inputs)
VIN = 0V (Both inputs), VDD = 18V
Note
1:
Switching times ensured by design.
2:
Package power dissipation is dependent on the copper pad area on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com