Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8559 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8559
Description  Low-voltage stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8559 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8559 Datasheet HTML 4Page - NXP Semiconductors TDA8559 Datasheet HTML 5Page - NXP Semiconductors TDA8559 Datasheet HTML 6Page - NXP Semiconductors TDA8559 Datasheet HTML 7Page - NXP Semiconductors TDA8559 Datasheet HTML 8Page - NXP Semiconductors TDA8559 Datasheet HTML 9Page - NXP Semiconductors TDA8559 Datasheet HTML 10Page - NXP Semiconductors TDA8559 Datasheet HTML 11Page - NXP Semiconductors TDA8559 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
1997 Jun 27
8
Philips Semiconductors
Product specification
Low-voltage stereo headphone amplifier
TDA8559
APPLICATION INFORMATION
General
For applications with a maximum supply voltage of 6 V
(input mode LOW) the input pins need a DC path to ground
(see Figs 3 and 4). For applications with supply voltages in
the range from 6 to 18 V (input mode HIGH) the input DC
level is 0.5VP + 0.6 V. In this situation the input
configurations illustrated in Figs 5 and 6 have to be used.
The capacitor Cb is recommended for stability
improvement. The value may vary between
10 and 100 nF. This capacitor should be placed close to
the IC between pin 12 and pin 13.
Heatsink design
The standard application is stereo headphone
single-ended with a 32
Ω load impedance to buffer
(see Fig.9). The headphone amplifier can deliver a peak
output current of 150 mA into the load.
For the DIP16 envelope Rth j-amb = 52 K/W; the maximum
sine wave power dissipation for Tamb =25 °C is:
For Tamb =60 °C the maximum total power dissipation is:
For the SO16 envelope Rth j-amb = 105 K/W; the maximum
sinewave power dissipation for Tamb =25 °C is:
For Tamb =60 °C the maximum total power dissipation is:
2.4 W
150
25
52
----------------------
=
1.7 W
150
60
52
----------------------
=
1.2 W
150
25
105
----------------------
=
0.85 W
150
60
105
----------------------
=
Test conditions
Tamb =25 °C; unless otherwise specified: VP =3V,
f = 1 kHz, RL =32 Ω, Gain = 26 dB, low input mode,
band-pass filter: 22 Hz to 30 kHz. The total harmonic
distortion as a function of frequency was measured with
low-pass filter of 80 kHz. The quiescent current has been
measured without any load impedance.
In applications with coupling capacitors towards the load,
an electrolytic capacitor has to be connected to pin 4
(SVRR).
• The graphs for the single-ended application have been
measured with the application illustrated in Fig.9; input
configuration for input mode low (Fig.4) and input
configuration for input mode high (Fig.6).
• The graphs for the BTL application ‘input mode low’
have been measured with the application circuit
illustrated in Fig.11 and the input configuration
illustrated in Fig.4.
• The graphs for the line-driver application have been
measured with the application circuit illustrated in Fig.13
and the input configuration illustrated in Fig.6; input
mode high.
Input configurations
The IC can be applied in two ways, ‘input mode low’ and
‘input mode high’. This can be selected by the input mode
at pin 8:
1. Input mode low: pin 8 floating:
The DC level of the input pins has to be between 0 V
and (VP − 1.8 V). A DC path to ground is needed.
The maximum output voltage is approximately
2.1 V (RMS). Input configurations illustrated in
Figs 3 and 4 should be used.
2. Input mode high: pin 8 is connected to VP:
This mode is intended for supply voltages >6 V. It can
deliver a maximum output voltage of approximately
6 V (RMS) at THD = 0.5%. The DC voltage level of the
input pins is (0.5VP + 0.6 V). Coupling capacitors are
necessary. Input configurations illustrated in
Figs 5 and 6 should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com