Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7135CBU Datasheet(PDF) 5 Page - Microchip Technology

Part # TC7135CBU
Description  4-1/2 Digit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135CBU Datasheet(HTML) 5 Page - Microchip Technology

  TC7135CBU Datasheet HTML 1Page - Microchip Technology TC7135CBU Datasheet HTML 2Page - Microchip Technology TC7135CBU Datasheet HTML 3Page - Microchip Technology TC7135CBU Datasheet HTML 4Page - Microchip Technology TC7135CBU Datasheet HTML 5Page - Microchip Technology TC7135CBU Datasheet HTML 6Page - Microchip Technology TC7135CBU Datasheet HTML 7Page - Microchip Technology TC7135CBU Datasheet HTML 8Page - Microchip Technology TC7135CBU Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2004 Microchip Technology Inc.
DS21460C-page 5
TC7135
2.0
PIN DESCRIPTIONS
The description of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
28-Pin PDIP,
28-Pin PLCC
Pin Number
44-Pin MQFP*
Pin Number
64-Pin MQFP*
Symbol
Description
1
39
10
V–
Negative power supply input.
2
40
11
REF IN
External reference input.
3
41
12
ANALOG COMMON
Reference point for REF IN.
4
2
18
INT OUT
Integrator output. Integrator capacitor connection.
5
3
20
AZ IN
Auto-zero inpt. Auto-zero capacitor connection.
6
4
22
BUFF OUT
Analog input buffer output. Integrator resistor
connection.
75
23
CREF–
Reference capacitor input. Reference capacitor
negative connection.
86
26
CREF+
Reference capacitor input. Reference capacitor
positive connection.
9
7
28
–INPUT
Analog input. Analog input negative connection.
10
8
30
+INPUT
Analog input. Analog input positive connection.
11
9
32
V+
Positive power supply input.
12
14
38
D5
Digit drive output. Most Significant Digit (MSD)
13
15
39
B1
Binary Coded Decimal (BCD) output. Least Significant
bit (LSb).
14
16
41
B2
BCD output.
15
17
42
B4
BCD output.
16
18
43
B8
BCD output. Most Significant bit (MSb).
17
19
44
D4
Digit drive output.
18
20
45
D3
Digit drive output.
19
25
52
D2
Digit drive output.
20
26
53
D1
Digit drive output. Least Significant Digit (LSD).
21
27
54
BUSY
Busy output. At the beginning of the signal-integration
phase, BUSY goes high and remains high until the
first clock pulse after the integrator zero crossing.
22
28
55
CLOCK IN
Clock input. Conversion clock connection.
23
29
57
POLARITY
Polarity output. A positive input is indicated by a logic
high output. The polarity output is valid at the
beginning of the reference integrate phase and
remains valid until determined during the next
conversion.
24
30
58
DGND
Digital logic reference input.
25
31
59
RUN/HOLD
Run/Hold input. When at a logic high, conversions are
performed continuously. A logic low holds the current
data as long as the low condition exists.
26
36
60
STROBE
Strobe output. The STROBE output pulses low in the
center of the digit drive outputs.
27
37
7
OVERRANGE
Overrange output. A logic high indicates that the
analog input exceeds the full-scale input range.
28
38
8
UNDERRANGE
Underrange output. A logic high indicates that the
analog input is less than 9% of the full-scale input
range.
* Pins not identified or documented are NC (no connects).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com