Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8559T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8559T
Description  Low-voltage stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8559T Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8559T Datasheet HTML 1Page - NXP Semiconductors TDA8559T Datasheet HTML 2Page - NXP Semiconductors TDA8559T Datasheet HTML 3Page - NXP Semiconductors TDA8559T Datasheet HTML 4Page - NXP Semiconductors TDA8559T Datasheet HTML 5Page - NXP Semiconductors TDA8559T Datasheet HTML 6Page - NXP Semiconductors TDA8559T Datasheet HTML 7Page - NXP Semiconductors TDA8559T Datasheet HTML 8Page - NXP Semiconductors TDA8559T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1997 Jun 27
2
Philips Semiconductors
Product specification
Low-voltage stereo headphone amplifier
TDA8559
FEATURES
• Operating voltage from 1.9 to 30 V
• Very low quiescent current
• Low distortion
• Few external components
• Differential inputs
• Usable as a mono amplifier in Bridge-Tied Load (BTL) or
stereo Single-Ended (SE)
• Single-ended mode without loudspeaker capacitor
• Mute and standby mode
• Short-circuit proof to ground, to supply voltage (<10 V)
and across load
• No switch on or switch off clicks
• ESD protected on all pins.
APPLICATIONS
• Portable telephones
• Walk-mans
• Portable audio
• Mains fed equipment.
GENERAL DESCRIPTION
The TDA8559 is a stereo amplifier that operates over a
wide supply voltage range from 1.9 to 30 V and consumes
a very low quiescent current. This makes it suitable for
battery fed applications (2
× 1.5 V cells). Because of an
internal voltage buffer, this device can be used with or
without a capacitor connected in series with the load. It can
be applied as a headphone amplifier, but also as a mono
amplifier with a small speaker (25
Ω), or as a line driver in
mains applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP
operating supply voltage
1.9
3
30
V
Iq(tot)
total quiescent current
−
2.75
4
mA
Istb
standby supply current
−−
10
µA
Stereo application
Po
output power
THD = 10%
30
35
−
mW
THD
total harmonic distortion
Po =20mW; fi = 1 kHz
−
0.075
0.15
%
Po =20mW; fi = 10 kHz
−
0.1
−
%
Gv
voltage gain
25
26
27
dB
fss
small signal roll-off frequency
−1dB
−
750
−
kHz
BTL application
Po
output power
THD = 10%
125
140
−
mW
THD
total harmonic distortion
Po =70mW; fi = 1 kHz
−
0.05
0.1
%
Po =70mW; fi = 10 kHz
−
0.2
−
%
Gv
voltage gain
31
32
33
dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8559
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
TDA8559T
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com