Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4420CG Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4420CG
Description  6A High-Speed MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4420CG Datasheet(HTML) 5 Page - Microchip Technology

  TC4420CG Datasheet HTML 1Page - Microchip Technology TC4420CG Datasheet HTML 2Page - Microchip Technology TC4420CG Datasheet HTML 3Page - Microchip Technology TC4420CG Datasheet HTML 4Page - Microchip Technology TC4420CG Datasheet HTML 5Page - Microchip Technology TC4420CG Datasheet HTML 6Page - Microchip Technology TC4420CG Datasheet HTML 7Page - Microchip Technology TC4420CG Datasheet HTML 8Page - Microchip Technology TC4420CG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2004 Microchip Technology Inc.
DS21419C-page 5
TC4420/TC4429
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Propagation Delay Time vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
FIGURE 2-6:
Supply Current vs.
Capacitive Load.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
57
9
11
13
15
Supply Voltage (V)
C = 2200 pF
L
120
100
80
60
40
20
0
C = 4700 pF
L
C = 10,000 pF
L
V
= 12V
DD
V
= 5V
DD
60
40
20
10
1000
10,000
Capcitive Load (pF)
V
= 18V
DD
80
100
50
40
30
20
10
0
–60
–20
20
60
100
140
TA (°C)
D1
t
D2
t
C = 2200 pF
L
V
= 18V
DD
57
9
11
13
15
Supply Voltage (V)
C
= 2200 pF
L
C
= 4700 pF
L
C
= 10,000 pF
L
100
80
60
40
20
0
60
40
20
10
1000
10,000
Capacitive Load (pF)
V
= 18V
DD
80
100
V
= 12V
DD
V
= 5V
DD
0
100
1000
10,000
Capacitive Load (pF)
84
70
56
42
28
14
0
500 kHz
200 kHz
20 kHz
V
= 15V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com