Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4428EPA Datasheet(PDF) 2 Page - Microchip Technology

Part # TC4428EPA
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4428EPA Datasheet(HTML) 2 Page - Microchip Technology

  TC4428EPA Datasheet HTML 1Page - Microchip Technology TC4428EPA Datasheet HTML 2Page - Microchip Technology TC4428EPA Datasheet HTML 3Page - Microchip Technology TC4428EPA Datasheet HTML 4Page - Microchip Technology TC4428EPA Datasheet HTML 5Page - Microchip Technology TC4428EPA Datasheet HTML 6Page - Microchip Technology TC4428EPA Datasheet HTML 7Page - Microchip Technology TC4428EPA Datasheet HTML 8Page - Microchip Technology TC4428EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TC4426/TC4427/TC4428
DS21422D-page 2
© 2006 Microchip Technology Inc.
Functional Block Diagram
Effective
Input C = 12 pF
(Each Input)
TC4426/TC4427/TC4428
Output
Input
GND
VDD
300 mV
4.7V
Inverting
Non-Inverting
Note 1: TC4426 has two inverting drivers, while the TC4427 has two non-inverting
drivers. The TC4428 has one inverting and one non-inverting driver.
2: Ground any unused driver input.
1.5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com