Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HL6740FG Datasheet(PDF) 2 Page - Opnext. Inc.

Part # HL6740FG
Description  Dual Beam Visible Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6740FG Datasheet(HTML) 2 Page - Opnext. Inc.

  HL6740FG Datasheet HTML 1Page - Opnext. Inc. HL6740FG Datasheet HTML 2Page - Opnext. Inc. HL6740FG Datasheet HTML 3Page - Opnext. Inc. HL6740FG Datasheet HTML 4Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HL6740FG
Rev.0 Feb. 24, 2006 page 2 of 4
Typical Characteristic Curves
Forward current, IF (mA)
Optical Output Power vs. Forward Current
-40
-20
0
20
40
Angle,
θ ( ° )
Parallel
Perpendicular
PO = 5 mW
Far Field Pattern
0
020
40
60
80
100
1
2
3
4
5
TC = 50°C
TC = 25°C
TC = 10°C
Case temperature, TC (°C)
Threshold Current vs. Case Temperature
100
10
50
10
0
203040
50
20
Case temperature, TC (°C)
Slope Efficiency vs. Case Temperature
1
0
10
0
20304050
0.8
0.6
0.4
0.2
Case temperature, TC (°C)
Wavelength vs. Case Temperature
020
40
10
30
50
676
674
670
668
672
666
682
680
678
664
684
PO = 5 mW
Case temperature, TC (°C)
Monitor Current vs. Case Temperature
0
0
10
20
30
40
50
1
2
4
5
TC = 25°C
VR(PD) = 5V
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com