Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC962 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC962
Description  Precision Temperature-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC962 Datasheet(HTML) 4 Page - Microchip Technology

  TC962_05 Datasheet HTML 1Page - Microchip Technology TC962_05 Datasheet HTML 2Page - Microchip Technology TC962_05 Datasheet HTML 3Page - Microchip Technology TC962_05 Datasheet HTML 4Page - Microchip Technology TC962_05 Datasheet HTML 5Page - Microchip Technology TC962_05 Datasheet HTML 6Page - Microchip Technology TC962_05 Datasheet HTML 7Page - Microchip Technology TC962_05 Datasheet HTML 8Page - Microchip Technology TC962_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC962
DS21484C-page 4
© 2006 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin DIP)
(8-Pin CERDIP)
Symbol
Description
1
Zener Cathode
Cathode of internal Zener diode.
2C+
Positive side of external CP capacitor (pump cap).
3
GND
Ground terminal.
4C-
Negative side of external CP capacitor (pump cap).
5VOUT
Output voltage.
6
FREQ x 2
If grounded, frequency doubles.
7COSC
Capacitor to GND will decrease frequency.
8VDD
Input voltage.
Pin No.
(16-Pin SOIC)
Symbol
Description
1
Zener Cathode
Cathode of internal Zener diode.
2
NC
No connect.
3C+
Positive side of external CP capacitor (pump cap).
4
NC
No connect.
5
GND
Ground terminal.
6
NC
No connect.
7C-
Negative side of external CP capacitor (pump cap).
8
NC
No connect.
9
NC
No connect.
10
VOUT
Output voltage.
11
NC
No connect.
12
FREQ x 2
If grounded, frequency doubles.
13
NC
No connect.
14
COSC
Capacitor to GND will decrease frequency.
15
NC
No connect.
16
VDD
Input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com