Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW20N50D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SW20N50D
Description  N-channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SW20N50D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SW20N50D Datasheet HTML 1Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 2Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 3Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 4Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
October 2012 : Rev0
2/5
Electrical Characteristics : T
C=25℃, unless otherwise noted
Note :
1. Repeated rating : Pulse width limited by safe operating area
2. L=4.3mH, I
AS = 20A, VDD = 50V, RG = 25Ω, Starting TJ= 25 ℃
3 I
SD ≤ 20A, di/dt ≤ 200A/µ s , VDD ≤ BVDS, Starting TJ= 25 ℃
4. Pulse Test :Pulse width ≤ 300µs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics
Parameter
Symbol
Test condition
Min
Typ
Max
Units
OFF
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250 µA
500
--
--
V
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
--
--
1
µA
VDS = 400 V, TC = 125
°C
--
--
10
µA
Forward Gate-Source Leakage Current
IGSSF
VGS = 30 V, VDS = 0 V
--
--
100
nA
Reverse Gate-Source Leakage Current
IGSSR
VGS = -30 V, VDS = 0 V
--
--
-100
nA
ON
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
3
--
5
V
Drain-Source On-Resistance
RDS(on)
VGS = 10 V, ID = 10 A
--
0.25
0.30
W
Forward Transconductance
(Note 4)
gFS
VDS = 30 V, ID = 10 A
--
14
--
S
DYNAMIC
Input Capacitance
Ciss
VDS = 25 V, VGS = 0 V,
--
2880
--
pF
Output Capacitance
Coss
f = 1.0 MHz
--
283
--
pF
Reverse Transfer Capacitance
Crss
--
10
--
pF
SWITCHING
Turn-On Delay Time
(Note 4,5)
td(on)
VDD = 250 V, ID = 20 A,
--
64
--
ns
Turn-On Rise Time
(Note 4,5)
tr
RG = 25 Ω
--
61
--
ns
Turn-Off Delay Time
(Note 4,5)
td(off)
--
123
--
ns
Turn-Off Fall Time
(Note 4,5)
tf
--
38
--
ns
Total Gate Charge
(Note 4,5)
Qg
VDS = 400 V, ID = 20 A,
--
44
--
nC
Gate-Source Charge
(Note 4,5)
Qgs
VGS = 10 V
--
14
--
nC
Gate-Drain Charge
(Note 4,5)
Qgd
--
13
--
nC
SOURCE DRAIN DIODE
Maximum Continuous Drain-Source
IS
---
--
--
20
A
Diode Forward Current
Maximum Pulsed Drain-Source
ISM
---
--
--
80
A
Diode Forward Current
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 20 A
--
--
1.5
V
Reverse Recovery Time
(Note 4)
trr
VGS = 0 V, IS = 20 A
--
421
--
ns
Reverse Recovery Charge
(Note 4)
Qrr
dIF / dt = 100 A/µs
--
5.9
--
µC
SW20N50D
www.seawontech.com
QQ845200166



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com