Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1525 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1525
Description  2.5V and 4.096V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1525 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1525 Datasheet HTML 3Page - Microchip Technology MCP1525 Datasheet HTML 4Page - Microchip Technology MCP1525 Datasheet HTML 5Page - Microchip Technology MCP1525 Datasheet HTML 6Page - Microchip Technology MCP1525 Datasheet HTML 7Page - Microchip Technology MCP1525 Datasheet HTML 8Page - Microchip Technology MCP1525 Datasheet HTML 9Page - Microchip Technology MCP1525 Datasheet HTML 10Page - Microchip Technology MCP1525 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
© 2005 Microchip Technology Inc.
DS21653B-page 7
MCP1525/41
Note: Unless otherwise indicated, TA = +25°C, VIN = 5.0V, VSS = GND, IOUT = 0 mA and CL =1 µF.
FIGURE 2-13:
Input Current vs. Input
Voltage.
FIGURE 2-14:
MCP1541 0.1 Hz to 10 Hz
Output Noise.
FIGURE 2-15:
Turn-on Transient Time.
FIGURE 2-16:
MCP1525 Load Transient
Response.
FIGURE 2-17:
MCP1525 Line Transient
Response.
FIGURE 2-18:
Dropout Voltage vs. Output
Current.
0
10
20
30
40
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
MCP1525
MCP1541
Time (1 s/div)
MCP1541
Bandwidth = 0.1 Hz to 10 Hz
Eno = 22 µVRMS = 145 µVP-P
-1
0
1
2
3
4
5
6
Time (200 µs/div)
VOUT, MCP1541
VIN
VOUT, MCP1525
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
Time (100 µs/div)
-20
-15
-10
-5
0
5
10
15
20
25
30
35
ΔV
OUT
IOUT
MCP1525
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Time (100 µs/div)
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
ΔV
OUT
VIN
MCP1525
-150
-100
-50
0
50
100
150
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Output Current (mA)
MCP1525 and MCP1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com