Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC07 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC07
Description  3V Logic Output Temperature Sensor with Programmable Hysteresis
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC07 Datasheet(HTML) 1 Page - Microchip Technology

  TC07 Datasheet HTML 1Page - Microchip Technology TC07 Datasheet HTML 2Page - Microchip Technology TC07 Datasheet HTML 3Page - Microchip Technology TC07 Datasheet HTML 4Page - Microchip Technology TC07 Datasheet HTML 5Page - Microchip Technology TC07 Datasheet HTML 6Page - Microchip Technology TC07 Datasheet HTML 7Page - Microchip Technology TC07 Datasheet HTML 8Page - Microchip Technology TC07 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2005 Microchip Technology Inc.
DS21674C-page 1
TC07
Features
• User Programmable Hysteresis and Temperature
Set Point
• Easily Programs with Two External Resistors
• Wide Temperature Detection Range
- TC07CXA: -0°C to +70°C
- TC07EXA: -40°C to +85°C
- TC07VXA: -40°C to +125°C
• 8-Pin MSOP and 8-Pin SOIC Packages
• Cost Effective
Applications
• Power Supply Over-Temperature Detection
• Consumer Equipment
• Temperature Regulators
Device Selection Table
Package Type
General Description
The TC07 is a programmable, logic output temperature
detector that operates from power supply levels as low
as 2.7V. Programming is accomplished with external
resistors connected from the temperature set point
input (TSET) and the hysteresis control input (HSET) to
VDD.
Complementary outputs (OUT and OUT) are driven
active when temperature exceeds the temperature
threshold programmed by the resistor on TSET. The
states of these outputs are maintained (latched) until
temperature falls below threshold programmed by the
resistor on HSET.
The TC07 has an operating temperature range of -40°C
to +125°C (TC07VXA). It features low (<130
μA) supply
current and with 8-pin MSOP and 8-pin SOIC
packages, making it suitable for a wide variety of
applications.
Functional Block Diagram
Part
Number
Package
Temperature
Range
TC07COA
8-Pin SOIC
0°C to +70°C
TC07CUA
8-Pin MSOP
0°C to +70°C
TC07EOA
8-Pin SOIC
-40°C to +85°C
TC07EUA
8-Pin MSOP
-40°C to +85°C
TC07VOA
8-Pin SOIC
-40°C to +125°C
TC07VUA
8-Pin MSOP
-40°C to +125°C
GND
TSET
HSET
SOIC
VDD
OUT
OUT
NC
NC
18
27
36
45
TC07COA
TC07EOA
TC07VOA
GND
TSET
HSET
MSOP
VDD
OUT
OUT
NC
NC
18
27
36
45
TC07CUA
TC07EUA
TC07VUA
TSET
OUT
OUT
Temperature
To Voltage
Converter
Voltage
Reference
Generator
Temperature
Sensor
HSET
VDD
GND
+
+
S
Q
R
Q
3V Logic Output Temperature Sensor with Programmable Hysteresis
Obsolete Device


Similar Part No. - TC07

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC07 TELCOM-TC07 Datasheet
46Kb / 3P
3V LOGIC OUTPUT TEMPERATURE SENSOR WITH PROGRAMMABLE HYSTERESIS
logo
Kingbright Corporation
TC07-11 KINGBRIGHT-TC07-11 Datasheet
133Kb / 5P
18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
TC07-11CGKWA KINGBRIGHT-TC07-11CGKWA Datasheet
354Kb / 6P
Low current operation
logo
List of Unclassifed Man...
TC07-11EWA ETC-TC07-11EWA Datasheet
153Kb / 5P
18MM (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TC07-11EWA KINGBRIGHT-TC07-11EWA Datasheet
133Kb / 5P
18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
More results

Similar Description - TC07

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC07 TELCOM-TC07 Datasheet
46Kb / 3P
3V LOGIC OUTPUT TEMPERATURE SENSOR WITH PROGRAMMABLE HYSTERESIS
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
Temperature sensor with digital output
logo
Analog Devices
ADCMP341 AD-ADCMP341 Datasheet
148Kb / 13P
Dual Comparators with 400mV Reference and programmable Hysteresis
ADCMP341 AD-ADCMP341_07 Datasheet
353Kb / 12P
Dual 0.275% Comparators and Reference with Programmable Hysteresis
2/07-Revision 0
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
Temperature Switch with Selectable Hysteresis
2011
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
logo
Analog Devices
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
logo
Allegro MicroSystems
A1454 ALLEGRO-A1454 Datasheet
434Kb / 15P
3V Hall Effect Linear Sensor with I2C Output
logo
Vishay Siliconix
SIP32451 VISHAY-SIP32451 Datasheet
201Kb / 12P
Low logic control with hysteresis
8-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com