Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC670 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC670
Description  Tiny Predictive Fan Failure Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC670 Datasheet(HTML) 1 Page - Microchip Technology

  TC670_03 Datasheet HTML 1Page - Microchip Technology TC670_03 Datasheet HTML 2Page - Microchip Technology TC670_03 Datasheet HTML 3Page - Microchip Technology TC670_03 Datasheet HTML 4Page - Microchip Technology TC670_03 Datasheet HTML 5Page - Microchip Technology TC670_03 Datasheet HTML 6Page - Microchip Technology TC670_03 Datasheet HTML 7Page - Microchip Technology TC670_03 Datasheet HTML 8Page - Microchip Technology TC670_03 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2003 Microchip Technology Inc.
DS21688C-page 1
M
TC670
Features
• Fan Wear-Out Detection for 2-Wire
Linear-Controlled Fans
• Replacement System for 3-Wire Fans
• Fan Alert Signal when Fan Speed is below
Programmed Threshold
• CLEAR Capability for Eliminating False Alarm
• Low Operating Current, 90 µA (typ.)
•VDD Range 3.0V to 5.5V
• Available in a 6-Pin SOT-23 Package
Applications
• Protection for Linear-Controlled Fans
• Power Supplies
• Industrial Equipment
• PCs and Notebooks
• Data Storage
• Data Communications Equipment
• Instrumentation
Package Type
General Description
The TC670 is an integrated fan speed sensor that
predicts and/or detects fan failure, preventing thermal
damage to systems with cooling fans. When the fan
speed falls below a user-specified level, the TC670
asserts an ALERT signal. With this design, a critical
minimum fan speed is determined by the user. The fan
alert level is then set with a resistor divider on the
THRESHOLD pin (Pin 1) of the TC670. When the
minimum fan speed is reached, the ALERT pin (Pin 5)
changes from a digital high to low. This failure detection
works with all linear-controlled 2-wire fans. The TC670
eliminates the need for 3-wire fan solutions.
A CLEAR option can be used to reset the ALERT sig-
nal, allowing the flexibility of connecting the ALERT
output of the TC670 with other ALERT/FAULT inter-
rupts in the system. This feature can be implemented
so that false fan fault conditions do not initiate system
shutdown.
The TC670 is specified to operate over the full
industrial temperature range of -40°C to +85°C. The
TC670 is offered in a 6-pin SOT-23 pin package and
consumes 90 µA (typ.) during operation. The space-
saving package and low power consumption make this
device an ideal choice for systems requiring fan speed
monitoring.
Typical Application Circuit
25
SOT-23A-6
THRESHOLD
GND
CLEAR
SENSE
ALERT
VDD
1
3
6
4
From
5
6
CSENSE
R4
RSENSE
+12V
ALERT
LED
DC
FAN
DC
FAN
SENSE
ALERT
2
4
3
1
+5V
R3
R2
0.1 µF
VDD
CLEAR
THRESHOLD
GND
Microcontroller
Tiny Predictive Fan Failure Detector


Similar Part No. - TC670_03

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC670ECH MICROCHIP-TC670ECH Datasheet
469Kb / 12P
Tiny Predictive Fan Failure Detector
2002
TC670ECHTR MICROCHIP-TC670ECHTR Datasheet
259Kb / 14P
Tiny Predictive Fan Failure Detector
11/29/12
TC670 MICROCHIP-TC670_13 Datasheet
259Kb / 14P
Tiny Predictive Fan Failure Detector
11/29/12
More results

Similar Description - TC670_03

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6684 MAXIM-MAX6684 Datasheet
168Kb / 7P
Fan-Failure Detector with Integrated Power Switch
Rev 0; 1/02
logo
Microchip Technology
TC670 MICROCHIP-TC670 Datasheet
469Kb / 12P
Tiny Predictive Fan Failure Detector
2002
logo
List of Unclassifed Man...
A5219 ETC-A5219 Datasheet
60Kb / 1P
Supervisor IC indicates fan failure
FR-159 ETC-FR-159 Datasheet
38Kb / 1P
FAILURE REPORT
logo
STMicroelectronics
STCC08 STMICROELECTRONICS-STCC08 Datasheet
258Kb / 13P
AC switch failure mode detector
20-Mar-2008
logo
CML Microcircuits
CM1481 CMLMICRO-CM1481 Datasheet
164Kb / 24P
Non-Predictive Selcall Module
logo
Microchip Technology
TC670 MICROCHIP-TC670_13 Datasheet
259Kb / 14P
Tiny Predictive Fan Failure Detector
11/29/12
logo
Texas Instruments
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
logo
Advantech Co., Ltd.
ESRP-MPM-UNO3382 ADVANTECH-ESRP-MPM-UNO3382 Datasheet
4Mb / 2P
Predictive Edge Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com