Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP300F60ADFF1 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # FP300F60ADFF1
Description  FAST RECOVER DIODE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

FP300F60ADFF1 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  FP300F60ADFF1 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. FP300F60ADFF1 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. FP300F60ADFF1 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. FP300F60ADFF1 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. FP300F60ADFF1 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:202107A
1/5
快恢复二极管模块
FAST RECOVER DIODE MODULE
FP300F60ADFF1
订 货 型 号
Order codes
Marking
Package
Packaging
FP300F60ADFF1
FP300F60ADFF1
FF1
盒装
封装 Package
FF1
产品特性
超快恢复时间
软恢复特性
低正向压降
低漏电流
FEATURES
Ultrafast Recovery Time
Soft Recovery Characteristics
Low Forward Voltage
Low Leakage Current
订货信息 ORDER MESSAGE
主要参数
MAIN
CHARACTERISTICS
IF(AV)
300A
VRRM
600 V
VF(typ)
1.26V
Trr(typ)
50ns
APPLICATIONS
 Inversion Welder
 Switch power supply
 UPS
 Ultrasonic Cleaner and Welder
 PFC
用途
 逆变焊机
 开关电源
 UPS
 超声清洗机和焊机
 PFC


Similar Part No. - FP300F60ADFF1

ManufacturerPart #DatasheetDescription
logo
Clarke International
FP300 CLARKE-FP300 Datasheet
780Kb / 4P
FOOT PUMPS
GC0911
logo
ML Accessories Limited....
FP3000BB KNIGHTSBRIDGE-FP3000BB Datasheet
319Kb / 1P
10AX 2G 2-way switch - Brushed Brass
15/04/2024
FP3000BC KNIGHTSBRIDGE-FP3000BC Datasheet
311Kb / 1P
10AX 2G 2-way Switch - Brushed Chrome
11/04/2024
FP3000GM KNIGHTSBRIDGE-FP3000GM Datasheet
217Kb / 1P
10AX 2G 2-way switch - Gunmetal
12/04/2024
FP3000PB KNIGHTSBRIDGE-FP3000PB Datasheet
241Kb / 1P
10AX 2G 2-way Switch - Polished Brass
16/04/2024
More results

Similar Description - FP300F60ADFF1

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
5F40HF JSMC-5F40HF Datasheet
231Kb / 5P
FAST RECOVER DIODE
5F60D JSMC-5F60D Datasheet
237Kb / 5P
FAST RECOVER DIODE
10F40HF JSMC-10F40HF Datasheet
230Kb / 5P
FAST RECOVER DIODE
10F40HF3S JSMC-10F40HF3S Datasheet
277Kb / 5P
FAST RECOVER DIODE
10F60HF JSMC-10F60HF Datasheet
260Kb / 6P
FAST RECOVER DIODE
10F60UHF JSMC-10F60UHF Datasheet
254Kb / 6P
FAST RECOVER DIODE
12F60UHF JSMC-12F60UHF Datasheet
284Kb / 6P
FAST RECOVER DIODE
20F60HF3 JSMC-20F60HF3 Datasheet
455Kb / 5P
Fast Recover Diode
60F30SAB3 JSMC-60F30SAB3 Datasheet
410Kb / 5P
FAST RECOVER DIODE
75F120W JSMC-75F120W Datasheet
220Kb / 5P
FAST RECOVER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com