Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M41T60
Description  Serial access real-time clock
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Datasheet(HTML) 4 Page - STMicroelectronics

  M41T60_05 Datasheet HTML 1Page - STMicroelectronics M41T60_05 Datasheet HTML 2Page - STMicroelectronics M41T60_05 Datasheet HTML 3Page - STMicroelectronics M41T60_05 Datasheet HTML 4Page - STMicroelectronics M41T60_05 Datasheet HTML 5Page - STMicroelectronics M41T60_05 Datasheet HTML 6Page - STMicroelectronics M41T60_05 Datasheet HTML 7Page - STMicroelectronics M41T60_05 Datasheet HTML 8Page - STMicroelectronics M41T60_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Summary description
M41T60
4/24
Figure 3.
Block diagram
Note:
1
Open drain output.
Figure 4.
Hardware hookup for SuperCap™ back-up operation
Note:
1
Open drain output.
AI08871
SECONDS
OSCILLATOR
FAIL DETECT
OSCILLATOR
32.768 kHz
SERIAL
BUS
INTERFACE
DIVIDER
CONTROL
LOGIC
ADDRESS
REGISTER
MINUTES
HOURS
DAY
DATE
CENTURY/
MONTH
YEAR
CALIBRATION
XI
XO
VCC
VSS
SCL
SDA
1 Hz
OFIRQ/OUT
(1)
OFIE
OUT
FT
FT
(1)
AI10476b
VCC
Port
Port
Serial Clock Line
Serial Data Line
XO
XI
M41T60
MCU
VSS
OFIRQ/OUT
(1)
FT
(1)
SDA
SCL
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com