Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T60 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M41T60
Description  Serial access real-time clock
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M41T60 Datasheet HTML 3Page - STMicroelectronics M41T60 Datasheet HTML 4Page - STMicroelectronics M41T60 Datasheet HTML 5Page - STMicroelectronics M41T60 Datasheet HTML 6Page - STMicroelectronics M41T60 Datasheet HTML 7Page - STMicroelectronics M41T60 Datasheet HTML 8Page - STMicroelectronics M41T60 Datasheet HTML 9Page - STMicroelectronics M41T60 Datasheet HTML 10Page - STMicroelectronics M41T60 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
M41T60
Operation
7/24
Figure 6.
Acknowledgement sequence
2.2
READ mode
In this mode, the master reads the M41T60 slave after setting the slave address
(see Figure 7). Following the WRITE Mode Control Bit (R/W = 0) and the Acknowledge Bit,
the word address An is written to the on-chip address pointer. Next the START condition and
slave address are repeated, followed by the READ Mode Control Bit (R/W = 1). At this point,
the master transmitter becomes the master receiver. The data byte which was addressed
will be transmitted and the master receiver will send an Acknowledge Bit to the slave
transmitter. The address pointer is only increased on reception of an Acknowledge Bit. The
M41T60 slave transmitter will now place the data byte at address An+1 on the bus. The
master receiver reads and acknowledges the new byte and the address pointer is increased
to An+2.
This cycle of reading consecutive addresses will continue until the master receiver sends a
STOP condition to the slave transmitter.
The system-to-user transfer of clock data will be halted whenever the address being read is
a clock address (0h to 6h). The update will resume due to a Stop Condition or when the
pointer increments to any non-clock address (7h).
An alternate READ Mode may also be implemented, whereby the master reads the M41T60
slave without first writing to the (volatile) address pointer. The first address that is read is the
last one stored in the pointer (see Figure 9 on page 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com