Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC66 Datasheet(PDF) 3 Page - Microchip Technology

Part # 93LC66
Description  1K/2K/4K 2.5V Microwire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66 Datasheet(HTML) 3 Page - Microchip Technology

  93LC66 Datasheet HTML 1Page - Microchip Technology 93LC66 Datasheet HTML 2Page - Microchip Technology 93LC66 Datasheet HTML 3Page - Microchip Technology 93LC66 Datasheet HTML 4Page - Microchip Technology 93LC66 Datasheet HTML 5Page - Microchip Technology 93LC66 Datasheet HTML 6Page - Microchip Technology 93LC66 Datasheet HTML 7Page - Microchip Technology 93LC66 Datasheet HTML 8Page - Microchip Technology 93LC66 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2004 Microchip Technology Inc.
DS21712B-page 3
93LC46/56/66
AC CHARACTERISTICS
FIGURE 1-1:
SYNCHRONOUS DATA TIMING
AC CHARACTERISTICS
VCC = +2.5V to +5.5V
Industrial (I): TA = -40°C to +85°C
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
1FCLK
Clock frequency
—
—
—
—
2
1
MHz
MHz
VCC
≥ 4.5V
VCC
< 4.5V
2TCKH
Clock high time
250
—
—
ns
3TCKL
Clock low time
250
—
—
ns
4TCSS
Chip select setup time
50
—
—
ns
Relative to CLK
5TCSH
Chip select hold time
0
—
—
ns
Relative to CLK
6TCSL
Chip select low time
250
—
—
ns
7TDIS
Data input setup time
100
—
—
ns
Relative to CLK
8TDIH
Data input hold time
100
—
—
ns
Relative to CLK
9TPD
Data output delay time
—
—
400
ns
CL = 100 pF
10
TCZ
Data output disable time
—
—
100
ns
CL = 100 pf (Note 2)
11
TSV
Status valid time
—
—
500
ns
CL = 100 pF
12
TWC
Program cycle time
—
4
10
ms
Erase/Write mode
13
TEC
—
8
15
ms
ERAL mode (VCC=5V ±10%)
14
TWL
—
16
30
ms
WRAL mode (VCC=5V ±10%)
15
—
Endurance
1M
—
1M
cycles
25°C, VCC = 5.0V, Block
mode (Note 3)
Note 1:
This parameter is tested at TA = 25°C and FCLK = 1 MHz.
2:
This parameter is periodically sampled and not 100% tested.
3:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site
at: www.microchip.com.
CS
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
VOH
VOL
CLK
DI
DO
(Read)
DO
(Write)
4
7
2
3
8
9
5
9
10
Status Valid
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com