Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6001 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6001
Description  1 MHz, Low-Power Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6001 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6001 Datasheet HTML 10Page - Microchip Technology MCP6001 Datasheet HTML 11Page - Microchip Technology MCP6001 Datasheet HTML 12Page - Microchip Technology MCP6001 Datasheet HTML 13Page - Microchip Technology MCP6001 Datasheet HTML 14Page - Microchip Technology MCP6001 Datasheet HTML 15Page - Microchip Technology MCP6001 Datasheet HTML 16Page - Microchip Technology MCP6001 Datasheet HTML 17Page - Microchip Technology MCP6001 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MCP6001/2/4
DS21733F-page 14
© 2005 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead PDIP (300 mil) (MCP6004)Example:
14-Lead TSSOP (MCP6004)
Example:
14-Lead SOIC (150 mil) (MCP6004)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXX
YYWWNNN
XXXXXX
YYWW
NNN
MCP6004
-I/P
0432256
6004
ST
0432
256
XXXXXXXXXX
MCP6004
ISL
0432256
8-Lead MSOP
Example:
XXXXXX
YWWNNN
6002I
432256
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP6002
I/SN0432
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com