Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6023T-E/MS Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP6023T-E/MS
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6023T-E/MS Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP6023T-E/MS Datasheet HTML 19Page - Microchip Technology MCP6023T-E/MS Datasheet HTML 20Page - Microchip Technology MCP6023T-E/MS Datasheet HTML 21Page - Microchip Technology MCP6023T-E/MS Datasheet HTML 22Page - Microchip Technology MCP6023T-E/MS Datasheet HTML 23Page - Microchip Technology MCP6023T-E/MS Datasheet HTML 24Page - Microchip Technology MCP6023T-E/MS Datasheet HTML 25Page - Microchip Technology MCP6023T-E/MS Datasheet HTML 26Page - Microchip Technology MCP6023T-E/MS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21685C-page 23
MCP6021/1R/2/3/4
8-Lead Plastic Thin Shrink Small Outline (ST) – 4.4 mm (TSSOP)
α
A2
A
A1
L
c
β
φ
1
2
D
n
p
B
E
E1
10°
5°
0°
10°
5°
0°
β
Mold Draft Angle Bottom
10°
5°
0°
10°
5°
0°
α
Mold Draft Angle Top
0.30
0.25
0.19
.012
.010
.007
B
Lead Width
0.20
0.15
0.09
.008
.006
.004
c
Lead Thickness
0.70
0.60
0.50
.028
.024
.020
L
Foot Length
3.10
3.00
2.90
.122
.118
.114
D
Molded Package Length
4.50
4.40
4.30
.177
.173
.169
E1
Molded Package Width
6.50
6.38
6.25
.256
.251
.246
E
Overall Width
0.15
0.10
0.05
.006
.004
.002
A1
Standoff
0.95
0.90
0.85
.037
.035
.033
A2
Molded Package Thickness
1.10
1.05
1.00
.043
.041
.039
A
Overall Height
0.65
.026
p
Pitch
8
8
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
Foot Angle
φ
0°
4°
8°
0°
4°
8°
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side.
Notes:
JEDEC Equivalent: MO-153
Revised 07-21-05
* Controlling Parameter
Drawing No. C04-086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com