Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC-08ENG Datasheet(PDF) 2 Page - ON Semiconductor

Part # DAC-08ENG
Description  8?묪it High?뭆peed Multiplying D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAC-08ENG Datasheet(HTML) 2 Page - ON Semiconductor

  DAC-08ENG Datasheet HTML 1Page - ON Semiconductor DAC-08ENG Datasheet HTML 2Page - ON Semiconductor DAC-08ENG Datasheet HTML 3Page - ON Semiconductor DAC-08ENG Datasheet HTML 4Page - ON Semiconductor DAC-08ENG Datasheet HTML 5Page - ON Semiconductor DAC-08ENG Datasheet HTML 6Page - ON Semiconductor DAC-08ENG Datasheet HTML 7Page - ON Semiconductor DAC-08ENG Datasheet HTML 8Page - ON Semiconductor DAC-08ENG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DAC−08 SERIES
http://onsemi.com
2
BIAS
NETWORK
CURRENT
SWITCHES
MSB
LSB
V+
13
1
5
6
7
8
9
10
11
12
14
15
16
3
4
2
COMP.
V−
REFERENCE
AMPLIFIER
VREF(+)
VREF(−)
B1
VLC
B2
B3
B4
B5
B6
B7
B8
IOUT
+
−
IOUT
Figure 1. Block Diagram
PIN FUNCTION DESCRIPTION
Pin # N Package / D Package
Symbol
Description
1/5
VLC
Logic Control Voltage
2/6
IO
Inverted Output Current
3/7
V−
Negative Power Supply
4/8
IO
Non−Inverted Output Current
5/9
B1
Output 1, Most Significant Bit (MSB)
6/10
B2
Output 2
7/11
B3
Output 3
8/12
B4
Output 4
9/13
B5
Output 5
10/14
B6
Output 6
11/15
B7
Output 7
12/16
B8
Output 8, Least Significant Bit (LSB)
13/1
V+
Positive Power Supply
14/2
VREF+
Positive Reference Voltage
15/3
VREF−
Negative Reference Voltage
16/4
COMPEN
Compensator Capacitor Pin
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
V+ to V−
36
V
Digital Input Voltage
V5−V12
V− to V− plus 36 V
−
Logic Threshold Control
VLC
V− to V+
−
Applied Output Voltage
V0
V− to +18
V
Reference Current
I14
5.0
mA
Reference Amplifier Inputs
V14, V15
VEE to VCC
−
Maximum Power Dissipation
Tamb = 25°C (Still-Air) (Note 1)
N Package
D Package
PD
1450
1090
mW
Thermal Resistance, Junction−to−Ambient
N Package
D Package
RqJA
75
105
°C/W
Lead Soldering Temperature (10 sec max)
TSOLD
230
°C
Operating Temperature Range
Tamb
0 to +70
°C
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values
(not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.
1. Derate above 25
°C, at the following rates:
N package at 13.3 mW/
°C
D package at 9.5 mW/
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com