Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5249 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # SCF5249
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button SCF5249 Datasheet HTML 10Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 11Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 12Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 13Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 14Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 15Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 16Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 17Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Signal Descriptions
Freescale Semiconductor
14
ISA bus read strobes
CS2/IDE-DIOR/GPIO13
CS3/SRE/GPIO11
There are 2 ISA bus read strobes and
2 ISA bus write strobes. They allow
connection of two independent ISA
bus peripherals, e.g. an IDE slave
device and a SmartMedia card.
In/Out
ISA bus write strobes
IDE-DIOW/GPIO14
SWE/GPIO12
In/Out
ISA bus wait signal
IDE-IORDY/GPIO16
ISA bus wait line - available for both
busses
In/Out
Chip Selects[1:0]
CS0
CS1/GPIO58
Enables peripherals at programmed
addresses.
CS[1:0]. CS[0]provides boot ROM
selection
Out
In/Out
negated
Buffer enable 1
BUFENB1/GPIO57
Two programmable buffer enables
allow seamless steering of external
buffers to split data and address bus
in sections.
In/Out
Buffer enable 2
BUFENB2/GPIO7
In/Out
Transfer acknowledge
TA/GPIO20
Transfer Acknowledge signal
In/Out
Serial Clock Line
SCL0/QSPI_CLK
Clock signal for first I2C module
operation
Signal is also QSPI clock
In/Out
Serial Data Line
SDA0/QSPI_DIN
Serial data port first I2C module
operation
Signal is also QSPI data in
In/Out
Serial Clock Line
SCL1_GPIO_3
Clock signal for second I2C module
operation
In/Out
Serial Data Line
SDA1_GPIO55
Serial data port for second I2C
module operation
In/Out
Receive Data
RXD1/GPI28/ADIN2
RXD0/GPI27
Signal is receive serial data input for
DUART
In
Transmit Data
TXD1/GPO28
TXD0/GPO27
Signal is transmit serial data output
for DUART
Out
asserted
Request-To-Send
RTS1/GPO31
RTS2/GPO30
DUART signals a ready to receive
data query
Out
negated
Clear-To-Send
CTS1/ADIN3/GPI31
CTS0/GPI30
Signals to DUART that data can be
transmitted to peripheral
CTS2 is multiplexed with an A/D
input
In
Timer Input
TIN0/GPI33
TIN1/GPIO23
Provides clock input to timer or
provides trigger to timer value
capture logic
In
In/Out
Timer Output
TOUT0/GPO33
TOUT1/ADOUT/GPO35
Capable of output waveform or pulse
generation
Out
Table 4. SCF5249 Signal Index (continued)
Signal Name
Mnemonic
Function
Input/
Output
Reset
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com