Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC512 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC512
Description  512K I2C??CMOS Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC512 Datasheet(HTML) 1 Page - Microchip Technology

  24LC512 Datasheet HTML 1Page - Microchip Technology 24LC512 Datasheet HTML 2Page - Microchip Technology 24LC512 Datasheet HTML 3Page - Microchip Technology 24LC512 Datasheet HTML 4Page - Microchip Technology 24LC512 Datasheet HTML 5Page - Microchip Technology 24LC512 Datasheet HTML 6Page - Microchip Technology 24LC512 Datasheet HTML 7Page - Microchip Technology 24LC512 Datasheet HTML 8Page - Microchip Technology 24LC512 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21754G-page 1
24AA512/24LC512/24FC512
Device Selection Table
Features:
• Low-power CMOS technology:
- Maximum write current 5 mA at 5.5V
- Maximum read current 400
μA at 5.5V
- Standby current 100 nA, typical at 5.5V
• 2-wire serial interface bus, I2C™ compatible
• Cascadable for up to eight devices
• Self-timed erase/write cycle
• 128-byte Page Write mode available
• 5 ms max. write cycle time
• Hardware write-protect for entire array
• Schmitt Trigger inputs for noise suppression
• 1,000,000 erase/write cycles
• Electrostatic discharge protection > 4000V
• Data retention > 200 years
• 8-pin PDIP, SOIC (208 mil), and DFN packages
• 14-lead TSSOP package
• Pb-free finishes available
• Temperature ranges:
- Industrial (I):
-40
°C to +85°C
- Automotive (E): -40
°C to +125°C
Description:
The Microchip Technology Inc. 24AA512/24LC512/
24FC512 (24XX512*) is a 64K x 8 (512 Kbit) Serial
Electrically Erasable PROM, capable of operation
across a broad voltage range (1.8V to 5.5V). It has
been developed for advanced, low-power applications
such as personal communications and data acquisi-
tion. This device also has a page write capability of up
to 128 bytes of data. This device is capable of both
random and sequential reads up to the 512K boundary.
Functional address lines allow up to eight devices on
the same bus, for up to 4 Mbit address space. This
device is available in the standard 8-pin plastic DIP,
SOIC, DFN and 14-lead TSSOP packages.
Block Diagram
Package Type
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
24AA512
1.8-5.5V
400 kHz(1)
I
24LC512
2.5-5.5V
400 kHz
I, E
24FC512
2.5-5.5V
1 MHz
I
Note 1:
100 kHz for VCC < 2.5V
HV Generator
EEPROM
Array
Page Latches
YDEC
XDEC
Sense Amp.
R/W Control
Memory
Control
Logic
I/O
Control
Logic
I/O
A0 A1 A2
SDA
SCL
VCC
VSS
WP
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP
SOIC
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
TSSOP
DFN
A0
A1
A2
VSS
WP
SCL
SDA
5
6
7
8
4
3
2
1
VCC
NC
A0
A1
NC
A2
VSS
NC
NC
VCC
WP
NC
SCL
SDA
NC
1
2
3
4
14
13
12
11
5
10
6
9
7
8
512K I2C™ CMOS Serial EEPROM
* 24XX512 is used in this document as a generic part number for the 24AA512/24LC512/24FC512 devices.


Similar Part No. - 24LC512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC512 MICROCHIP-24LC512 Datasheet
420Kb / 26P
512K I2C CMOS Serial EEPROM
2004
24LC512 MICROCHIP-24LC512 Datasheet
419Kb / 28P
512K I2C??CMOS Serial EEPROM
2008
24LC512 MICROCHIP-24LC512 Datasheet
702Kb / 36P
512K I2C??Serial EEPROM
2010
24LC512-E/CS17K MICROCHIP-24LC512-E/CS17K Datasheet
702Kb / 36P
512K I2C??Serial EEPROM
2010
24LC512-E/MF MICROCHIP-24LC512-E/MF Datasheet
419Kb / 28P
512K I2C??CMOS Serial EEPROM
2008
More results

Similar Description - 24LC512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
512K I2C CMOS Serial EEPROM
2003
24AA512 MICROCHIP-24AA512 Datasheet
420Kb / 26P
512K I2C CMOS Serial EEPROM
2004
24AA515 MICROCHIP-24AA515_05 Datasheet
373Kb / 22P
512K I2C??CMOS Serial EEPROM
2005
24AA512 MICROCHIP-24AA512_08 Datasheet
419Kb / 28P
512K I2C??CMOS Serial EEPROM
2008
24AA515 MICROCHIP-24AA515_08 Datasheet
352Kb / 24P
512K I2C??CMOS Serial EEPROM
2008
24LC512 MICROCHIP-24LC512 Datasheet
702Kb / 36P
512K I2C??Serial EEPROM
2010
24LC512I-SM MICROCHIP-24LC512I-SM Datasheet
702Kb / 36P
512K I2C??Serial EEPROM
2010
24LC512TISM MICROCHIP-24LC512TISM Datasheet
702Kb / 36P
512K I2C??Serial EEPROM
2010
24FC512-I MICROCHIP-24FC512-I Datasheet
702Kb / 36P
512K I2C Serial EEPROM
01/05/10
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
I2C CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com