Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6022T-E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6022T-E/P
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6022T-E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6022T-E/P Datasheet HTML 9Page - Microchip Technology MCP6022T-E/P Datasheet HTML 10Page - Microchip Technology MCP6022T-E/P Datasheet HTML 11Page - Microchip Technology MCP6022T-E/P Datasheet HTML 12Page - Microchip Technology MCP6022T-E/P Datasheet HTML 13Page - Microchip Technology MCP6022T-E/P Datasheet HTML 14Page - Microchip Technology MCP6022T-E/P Datasheet HTML 15Page - Microchip Technology MCP6022T-E/P Datasheet HTML 16Page - Microchip Technology MCP6022T-E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21685C-page 13
MCP6021/1R/2/3/4
4.0
APPLICATIONS INFORMATION
The MCP6021/1R/2/3/4 family of operational amplifiers
are fabricated on Microchip’s state-of-the-art CMOS
process. They are unity-gain stable and suitable for a
wide range of general-purpose applications.
4.1
Rail-to-Rail Input
The MCP6021/1R/2/3/4 amplifier family is designed to
not exhibit phase inversion when the input pins exceed
the supply voltages. Figure 2-27 shows an input volt-
age exceeding both supplies with no resulting phase
inversion.
The input stage of the MCP6021/1R/2/3/4 family of
devices uses two differential input stages in parallel;
one operates at low common-mode input voltage
(VCM), while the other operates at high VCM. With this
topology, the device operates with VCM up to 0.3V past
either supply rail (VSS – 0.3V to VDD + 0.3V) at +25°C.
The amplifier input behaves linearly as long as VCM is
kept within the specified VCMR limits. The input offset
voltage is measured at both VCM =VSS –0.3V and
VDD + 0.3V to ensure proper operation.
Input voltages that exceed the input voltage range
(VCMR) can cause excessive current to flow in or out of
the input pins. Current beyond ±2 mA introduces
possible reliability problems. Thus, applications that
exceed this rating must externally limit the input current
with an input resistor (RIN), as shown in Figure 4-1.
FIGURE 4-1:
RIN limits the current flow
into an input pin.
Total Harmonic Distortion Plus Noise (THD+N) can be
affected by the common mode input voltage (VCM). As
shown in Figure 2-3 and Figure 2-6, the input offset
voltage (VOS) is affected by the change from the NMOS
to the PMOS input differential pairs. This change in VOS
will increase the distortion if the input voltage includes
this transition region. This transition occurs between
VDD – 1.0V and VDD – 2.0V, depending on VDD and
temperature.
4.2
Rail-to-Rail Output
The Maximum Output Voltage Swing is the maximum
swing
possible
under
a
particular
output
load.
According to the specification table, the output can
reach within 20 mV of either supply rail when
RL =10kΩ. See Figure 2-31 and Figure 2-34 for more
information concerning typical performance.
4.3
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases, and the closed loop bandwidth is
reduced. This produces gain-peaking in the frequency
response, with overshoot and ringing in the step
response.
When driving large capacitive loads with these op
amps (e.g., > 60 pF when G = +1), a small series
resistor at the output (RISO in Figure 4-2) improves the
feedback loop’s phase margin (stability) by making the
load resistive at higher frequencies. The bandwidth will
be generally lower than the bandwidth with no
capacitive load.
FIGURE 4-2:
Output resistor RISO
stabilizes large capacitive loads.
Figure 4-3 gives recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
circuit’s noise gain. For non-inverting gains, GN and the
Signal Gain are equal. For inverting gains, GN is
1+|Signal Gain| (e.g., -1 V/V gives GN = +2 V/V).
FIGURE 4-3:
Recommended RISO values
for capacitive loads.
VIN
RIN
VOUT
MCP602X
RIN ≥
(Maximum expected
VIN) - VDD
2mA
RIN ≥
VSS - (Minimum expected VIN)
2mA
VIN
MCP602X
RISO
VOUT
CL
10
100
1,000
10
100
1,000
10,000
Normalized Capacitance; CL/GN (pF)
GN
≥ +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com