Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC649B Datasheet(PDF) 1 Page - Microchip Technology

Part # TC649B
Description  PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC649B Datasheet(HTML) 1 Page - Microchip Technology

  TC649B Datasheet HTML 1Page - Microchip Technology TC649B Datasheet HTML 2Page - Microchip Technology TC649B Datasheet HTML 3Page - Microchip Technology TC649B Datasheet HTML 4Page - Microchip Technology TC649B Datasheet HTML 5Page - Microchip Technology TC649B Datasheet HTML 6Page - Microchip Technology TC649B Datasheet HTML 7Page - Microchip Technology TC649B Datasheet HTML 8Page - Microchip Technology TC649B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2003 Microchip Technology Inc.
DS21755B-page 1
M
TC646B/TC648B/TC649B
Features
• Temperature-Proportional Fan Speed for Acoustic
Noise Reduction and Longer Fan Life
• Efficient PWM Fan Drive
• 3.0V to 5.5V Supply Range:
- Fan Voltage Independent of TC646B/
TC648B/TC649B Supply Voltage
- Supports any Fan Voltage
• FanSense™ Fault Detection Circuit Protects
Against Fan Failure and Aids System Testing
(TC646B/TC649B)
• Automatic Shutdown Mode for “Green” Systems
• Supports Low Cost NTC/PTC Thermistors
• Over-Temperature Indication (TC646B/TC648B)
• Fan Auto-Restart
• Space-Saving 8-Pin MSOP Package
Applications
• Personal Computers & Servers
• LCD Projectors
• Datacom & Telecom Equipment
• Fan Trays
• File Servers
• General-Purpose Fan Speed Control
Package Types
Description
The TC646B/TC648B/TC649B devices are new ver-
sions of the existing TC646/TC648/TC649 fan speed
controllers. These devices are switch-mode fan speed
controllers that incorporate a new fan auto-restart func-
tion. Temperature-proportional speed control is accom-
plished using pulse width modulation. A thermistor (or
other voltage output temperature sensor) connected to
the VIN input supplies the required control voltage of
1.20V to 2.60V (typical) for 0% to 100% PWM duty
cycle. The auto-shutdown threshold/temperature is set
by a simple resistor divider on the VAS input. An inte-
grated Start-Up Timer ensures reliable fan motor start-
up at turn-on, coming out of shutdown mode, auto-
shutdown mode or following a transient fault. A logic
low applied to VIN (pin 1) causes fan shutdown.
The TC646B and TC649B also feature Microchip
Technology's proprietary FanSense technology for
increasing system reliability. In normal fan operation, a
pulse train is present at SENSE (pin 5). A missing-
pulse detector monitors this pin during fan operation. A
stalled, open or unconnected fan causes the TC646B/
TC649B device to turn the VOUT output on full (100%
duty cycle). If the fan fault persists (a fan current pulse
is not detected within a 32/f period), the FAULT output
goes low. Even with the FAULT output low, the VOUT
output is on full during the fan fault condition in order to
attempt to restart the fan. FAULT (TC646B) or OTF
(TC648B) is also asserted if the PWM reaches 100%
duty cycle, indicating that maximum cooling capability
has been reached and a possible overheating condition
exists.
The TC646B, TC648B and TC649B devices are avail-
able in 8-pin plastic MSOP, SOIC and PDIP packages.
The specified temperature range of these devices is
-40 to +85ºC.
MSOP, PDIP, SOIC
1
2
3
4
VDD
5
6
7
8
VOUT
SENSE
VIN
CF
VAS
GND
FAULT
TC646B
TC649B
1
2
3
4
VDD
5
6
7
8
VOUT
NC
VIN
CF
VAS
GND
OTF
TC648B
PWM Fan Speed Controllers With Auto-Shutdown, Fan
Restart and FanSense™ Technology for Fault Detection


Similar Part No. - TC649B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC649B MICROCHIP-TC649B Datasheet
580Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC649B MICROCHIP-TC649B Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC649B MICROCHIP-TC649B Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC649B MICROCHIP-TC649B Datasheet
728Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown
03/25/03
More results

Similar Description - TC649B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC646 MICROCHIP-TC646 Datasheet
473Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
2002
TC649 MICROCHIP-TC649 Datasheet
478Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
2002
TC664 MICROCHIP-TC664 Datasheet
695Kb / 36P
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC642B MICROCHIP-TC642B Datasheet
662Kb / 34P
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
DTC646 MICROCHIP-DTC646 Datasheet
386Kb / 30P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC642B MICROCHIP-TC642B_13 Datasheet
563Kb / 36P
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC646B MICROCHIP-TC646B_13 Datasheet
580Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC649 MICROCHIP-TC649_13 Datasheet
391Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC664 MICROCHIP-TC664_36 Datasheet
558Kb / 36P
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
11/29/12
TC646BEPA MICROCHIP-TC646BEPA Datasheet
728Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown
03/25/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com