Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE49M Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 84Page - STMicroelectronics ST7LITE49M Datasheet HTML 85Page - STMicroelectronics ST7LITE49M Datasheet HTML 86Page - STMicroelectronics ST7LITE49M Datasheet HTML 87Page - STMicroelectronics ST7LITE49M Datasheet HTML 88Page - STMicroelectronics ST7LITE49M Datasheet HTML 89Page - STMicroelectronics ST7LITE49M Datasheet HTML 90Page - STMicroelectronics ST7LITE49M Datasheet HTML 91Page - STMicroelectronics ST7LITE49M Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 188 page
background image
On-chip peripherals
ST7LITE49M
88/188
Figure 46.
Input Capture timing diagram
Long range input Capture
Pulses that last more than 8 µs can be measured with an accuracy of 4 µs if fOSC equals 8
MHz in the following conditions:
The 12-bit AT4 timer is clocked by the Lite timer (RTC pulse: CK[1:0] = 01 in the ATCSR
register)
The ICS bit in the ATCSR2 register is set so that the LTIC pin is used to trigger the AT4
timer capture.
The signal to be captured is connected to LTIC pin
Input Capture registers LTICR, ATICRH and ATICRL are read
This configuration allows to cascade the Lite timer and the 12-bit AT4 timer to get a 20-bit
Input Capture value. Refer to Figure 47.
Figure 47.
Long range Input Capture block diagram
COUNTER1
t
01h
fCOUNTER
xxh
02h
03h
04h
05h
06h
07h
04h
ATIC PIN
ICF FLAG
INTERRUPT
08h
09h
0Ah
INTERRUPT
ATICR READ
09h
LTIC
ATIC
ICS
1
0
12-bit Input Capture register
OFF
fcpu
fLTIMER
12-bit Upcounter1
12-bit AutoReload register
8-bit Input Capture register
8-bit Timebase Counter1
fOSC/32
LTICR
CNTR1
ATICR
ATR1
8 LSB bits
12 MSB bits
LITE TIMER
12-Bit ARTIMER
20
cascaded
bits
32MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com