Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE49M Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 107Page - STMicroelectronics ST7LITE49M Datasheet HTML 108Page - STMicroelectronics ST7LITE49M Datasheet HTML 109Page - STMicroelectronics ST7LITE49M Datasheet HTML 110Page - STMicroelectronics ST7LITE49M Datasheet HTML 111Page - STMicroelectronics ST7LITE49M Datasheet HTML 112Page - STMicroelectronics ST7LITE49M Datasheet HTML 113Page - STMicroelectronics ST7LITE49M Datasheet HTML 114Page - STMicroelectronics ST7LITE49M Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 188 page
background image
ST7LITE49M
On-chip peripherals
111/188
11.4
I2C bus interface (I2C)
11.4.1
Introduction
The I2C Bus Interface serves as an interface between the microcontroller and the serial I2C
bus. It provides both multimaster and slave functions, and controls all I2C bus-specific
sequencing, protocol, arbitration and timing. It supports fast I2C mode (400kHz).
11.4.2
Main features
Parallel-bus/I2C protocol converter
Multi-master capability
7-bit/10-bit Addressing
Transmitter/Receiver flag
End-of-byte transmission flag
Transfer problem detection
I2C master features:
Clock generation
I2C bus busy flag
Arbitration Lost Flag
End of byte transmission flag
Transmitter/Receiver Flag
Start bit detection flag
Start and Stop generation
I2C slave features:
Stop bit detection
I2C bus busy flag
Detection of misplaced start or stop condition
Programmable I2C Address detection
Transfer problem detection
End-of-byte transmission flag
Transmitter/Receiver flag
11.4.3
General description
In addition to receiving and transmitting data, this interface converts it from serial to parallel
format and vice versa, using either an interrupt or polled handshake. The interrupts are
enabled or disabled by software. The interface is connected to the I2C bus by a data pin
(SDAI) and by a clock pin (SCLI). It can be connected both with a standard I2C bus and a
Fast I2C bus. This selection is made by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com